| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431ACLPREG Datasheet(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TL431ACLPREG Datasheet(HTML) 10 Page - ON Semiconductor |
|
10 / 18 page ![]() TL431, A, B Series, NCV431A, B http://onsemi.com 10 Figure 30. High Efficiency Step−Down Switching Converter 150 mH @ 2.0 A 1N5823 0.01 mF + 470 mF 51 k 0.1 mF + 2200 mF 4.7 k Vin = 10 V to 20 V TIP115 MPSA20 1.0 k 4.7 k 4.7 k 10 2.2 k 100 k Vout = 5.0 V Iout = 1.0 A Test Conditions Results Line Regulation Vin = 10 V to 20 V, Io = 1.0 A 53 mV (1.1%) Load Regulation Vin = 15 V, Io = 0 A to 1.0 A 25 mV (0.5%) Output Ripple Vin = 10 V, Io = 1.0 A 50 mVpp P.A.R.D. Output Ripple Vin = 20 V, Io = 1.0 A 100 mVpp P.A.R.D. Efficiency Vin = 15 V, Io = 1.0 A 82% |