| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
E3F2-R2RB41-P1 Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RB41-P1 Datasheet(HTML) 5 Page - Omron Electronics LLC |
|
5 / 28 page ![]() Photoelectric sensor E3F2 5 Accessories (Order Separately) For detailed information about Accessories, refer to the main chapter “Accessories” at the end of the document. Note: 1 . Typical sensing distance corresponds to 80 % of the max. sensing distance. For details, please refer to “Engineering Data”. Sensor I/O Connectors Name Sensing distance (typical) [1.] Model Remark Reflectors 0.1 - 3.7 m (axial) 0.1 - 2.4 m (radial) E39-R1 60 x 40 mm (included in some models) 0.1 - 4.3 m (axial) E39-R1S for E3F2-R4 0.1 - 4.2 m (axial) 0.1 - 2.7 m (radial) E39-R7 84 mm 0.1 - 5.3 m (axial) 0.1 - 3.1 m (radial) E39-R8 100 x 100 mm 0.1 - 4.3 m (axial) E39-R40 80 x 80 mm Tape Reflectors E39-RSA 35 x 10 mm E39-RSB 35 x 40 mm E39-RS3 80 x 70 mm Lens Cap E39-F31 Mounting Bracket Y92E-B18 screw mount Y92E-G18 quick access mounting Slit E39-ES18 for E3F2-10 @ - precision detection Cord Shape Cable type Model Standard Straight 2 m Four-wire type XS2F-D421-D80-A 5 m XS2F-D421-G80-A L-shaped 2 m XS2F-D422-D80-A 5 m XS2F-D422-G80-A Vibration-proof robot cable Straight 2 m XS2F-D421-D80-R 5 m XS2F-D421-G80-R L-shaped 2 m XS2F-D422-D80-R 5 m XS2F-D422-G80-R |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |