| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1072HVM Datasheet(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1072HVM Datasheet(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT1072 1072fc Supply Voltage LT1072HV (See Note 1) ......................................... 60V LT1072 (See Note 1) ............................................. 40V Switch Output Voltage LT1072HV ............................................................. 75V LT1072 .................................................................. 65V LT1072S8 .............................................................. 60V Feedback Pin Voltage (Transient, 1ms) ................. ±15V Operating Junction Temperature Range LT1072HVM, LT1072M (OBSOLETE) .... –55°C to 150°C LT1072HVC, LT1072C (Oper.)* ............ 0°C to 100°C LT1072HVC, LT1072C (Sh. Ckt.)* ........ 0°C to 125°C LT1072HVI ....................................... –40°C to 125°C Storage Temperature Range ............... –65°C to 150°C Lead Temperature (Soldering, 10 sec) ............... 300°C *Includes LT1072S8 (Note 1) Consult LTC Marketing for parts specified with wider operating temperature ranges. Note 1: Minimum switch “on” time for the LT1072 in current limit is ≈ 0.7µsec. This limits the maximum input voltage during short-circuit conditions, in the buck and inverting modes only, to ≈ 40V. Normal (unshorted) conditions are not affected. If the LT1072 is being operated in the buck or inverting mode at high input voltages and short-circuit conditions are expected, a resistor must be placed in series with the inductor, as follows: The value of the resistor is given by: R = – RL (t) (f) (VIN) – Vf I(LIMIT) t = Minimum “on” time of LT1072 in current limit, ≈ 0.7µs f = Operating frequency (40kHz) Vf = Forward voltage of external catch diode at I(LIMIT) I(LIMIT) = Current limit of LT1072 (2A) RL = Internal series resistance of inductor OBSOLETE PACKAGE OBSOLETE PACKAGE Consider the S8 or N8 Packages for Alternate Source T PACKAGE 5-LEAD TO-220 TJMAX = 100°C/W, θJC = 8°C/W, θJA = 50°C/W VIN VC GND FB VSW FRONT VIEW 5 4 3 2 1 N PACKAGE 8-LEAD PDIP TJMAX = 100°C, θJA = 130°C/W J PACKAGE 8-LEAD CERAMIC DIP TJMAX = 150°C, θJA = 100°C/W 1 2 3 4 8 7 6 5 TOP VIEW GND VC FB NC E2 VSW E1 VIN 1 2 3 4 5 6 7 8 SW PACKAGE 16-LEAD PLASTIC SO WIDE TJMAX = 100°C, θJC = 130°C/W 16 15 14 13 12 11 10 9 NC NC GND VC FB NC NC NC NC NC E2 VSW E1 VIN NC NC TOP VIEW BOTTOM VIEW K PACKAGE 4-LEAD TO-3 METAL CAN TJMAX = 150°C, θJC = 8°C/W, θJA = 35°C/W TJMAX = 100°C*, θJC = 8°C/W, θJA = 35°C/W CASE IS GND VC 1 4 2 3 FB VSW VIN LT1072HVMK LT1072MK LT1072HVCK LT1072CK ORDER PART NUMBER ORDER PART NUMBER ORDER PART NUMBER ORDER PART NUMBER LT1072CT LT1072HVCT LT1072HVIT LT1072CN8 LT1072CS8 LT1072MJ8 LT1072CJ8 LT1072CSW LT1072 • POI01 1 2 3 4 8 7 6 5 TOP VIEW E2 VSW E1 VIN GND VC FB NC S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 100°C, θJA = 130°C/W S8 PART MARKING 1072 ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |