Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

APA2010B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

No. de pieza APA2010B
Descripción Electrónicos  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2010B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APA2010B Datasheet HTML 7Page - Anpec Electronics Coropration APA2010B Datasheet HTML 8Page - Anpec Electronics Coropration APA2010B Datasheet HTML 9Page - Anpec Electronics Coropration APA2010B Datasheet HTML 10Page - Anpec Electronics Coropration APA2010B Datasheet HTML 11Page - Anpec Electronics Coropration APA2010B Datasheet HTML 12Page - Anpec Electronics Coropration APA2010B Datasheet HTML 13Page - Anpec Electronics Coropration APA2010B Datasheet HTML 14Page - Anpec Electronics Coropration APA2010B Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2011
www.anpec.com.tw
11
APA2010B
Typical Application Circuit
Differential input mode (WLCSP1.5x1.5-9A)
Single-ended input mode (WLCSP1.5x1.5-9A)
APA2010/2010A
PVDD
(B2)
4
Ω
V
DD
VDD
(B1)
VON
(A3)
VOP
(C3)
PGND
(B3)
GND
(A2)
INN
(C1)
INP
(A1)
SD
(C2)
150k
Ω
150k
Ω
0.1
µF
0.1
µF
0.1
µF
10
µF
Negative
input signal
Positive
input signal
Shutdown
signal
0.1
µF
APA2010/2010A
PVDD
(B2)
4
Ω
V
DD
VDD
(B1)
VON
(A3)
VOP
(C3)
PGND
(B3)
GND
(A2)
INN
(C1)
INP
(A1)
SD
(C2)
150k
Ω
150k
Ω
0.1
µF
0.1
µF
10
µF
Singal-ended
signal
Shutdown
signal
R
inn
C
inn-
R
inp
C
inp+
Gnd
R
inn
C
inn-
C
inn+
R
inp
Gnd
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com