| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD10-470-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD10-470-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 7 page ![]() Part Number Rated OCL (1) Part Irms (2) Isat (3) DCR (4) Volt Inductance +/-20% Marking Amperes Amperes ( Ω) u-sec (µH) (µH) Typ. Typ. SD20-R47-R 0.47 0.490 A 3.59 4.00 0.0200 2.28 SD20-1R2-R 1.20 1.21 B 3.07 2.55 0.0275 3.58 SD20-1R5-R 1.50 1.69 C 2.88 2.15 0.0312 4.23 SD20-2R2-R 2.20 2.25 D 2.45 1.87 0.0429 4.88 SD20-3R3-R 3.30 3.61 E 2.17 1.47 0.0547 6.18 SD20-4R7-R 4.70 4.41 F 2.05 1.33 0.0612 6.83 SD20-6R2-R 6.20 6.25 G 1.89 1.12 0.0720 8.13 SD20-8R2-R 8.20 8.41 H 1.61 0.966 0.1000 9.43 SD20-100-R 10.0 9.61 J 1.53 0.903 0.1100 10.08 SD20-150-R 15.0 15.21 K 1.25 0.718 0.1655 12.68 SD20-220-R 22.0 22.09 L 1.12 0.596 0.2053 15.28 SD20-330-R 33.0 32.49 M 0.913 0.491 0.3100 18.53 SD20-470-R 47.0 47.61 N 0.745 0.406 0.4650 22.43 SD20-680-R 68.0 68.89 O 0.610 0.337 0.6947 26.98 SD20-820-R 82.0 82.81 P 0.576 0.308 0.7785 29.58 SD20-101-R 100 98.01 Q 0.495 0.283 1.06 32.18 SD20-151-R 150 151.3 R 0.435 0.228 1.37 39.98 SD20-221-R 220 222.0 S 0.356 0.188 2.04 48.43 SD20-331-R 330 327.6 T 0.294 0.155 2.99 58.83 SD20-471-R 470 470.9 U 0.263 0.129 3.74 70.53 SD20-681-R 680 681.2 V 0.216 0.107 5.56 84.83 SD20-821-R 820 823.7 W 0.204 0.098 6.22 93.28 SD20-102-R 1000 1004.9 X 0.172 0.088 8.73 103 SD25-R47-R 0.47 0.466 A 3.88 6.00 0.0177 2.13 SD25-R82-R 0.82 0.770 B 3.58 4.67 0.0208 2.74 SD25-1R2-R 1.20 1.15 C 3.33 3.81 0.0240 3.34 SD25-1R5-R 1.50 1.61 D 3.12 3.23 0.0274 3.95 SD25-2R2-R 2.20 2.14 E 2.93 2.80 0.0311 4.56 SD25-3R3-R 3.30 3.43 F 2.64 2.21 0.0384 5.78 SD25-4R7-R 4.70 5.03 G 2.39 1.83 0.0467 6.99 SD25-6R8-R 6.80 6.93 H 2.19 1.56 0.0556 8.21 SD25-8R2-R 8.20 7.99 J 1.92 1.45 0.0724 8.82 SD25-100-R 10.0 10.35 K 1.80 1.27 0.0824 10.03 SD25-150-R 15.0 14.45 L 1.67 1.08 0.0956 11.86 SD25-220-R 22.0 22.81 M 1.34 0.857 0.1478 14.90 SD25-330-R 33.0 33.07 N 1.11 0.711 0.2149 17.94 SD25-470-R 47.0 47.89 O 0.919 0.592 0.3156 21.58 SD25-680-R 68.0 68.64 P 0.741 0.482 0.4850 25.84 SD25-820-R 82.0 82.17 Q 0.713 0.441 0.5242 28.27 SD25-101-R 100 100.79 R 0.670 0.398 0.5937 31.31 SD25-151-R 150 148.4 S 0.553 0.328 0.8723 38.00 SD25-221-R 220 222.4 T 0.446 0.268 1.34 46.51 SD25-331-R 330 332.2 U 0.359 0.219 2.07 56.85 SD25-471-R 470 472.4 V 0.293 0.184 3.10 67.79 SD25-681-R 680 677.2 W 0.262 0.154 3.88 81.17 SD25-821-R 820 826.7 X 0.230 0.139 5.04 89.68 SD25-102-R 1000 1003.4 Y 0.216 0.126 5.70 98.80 (1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc. (2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the temperature of the part not exceed 125°C. (3) SD10,12,18,25 Peak current for approximate 30% roll off at 20°C. SD14 Peak current for approximate 20% roll off at 20°C. (4) DCR limits @ 20°C. 5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise. SD Series High Power Density, Low Profile, Shielded Inductors |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |