Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CMF05 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza CMF05
Descripción Electrónicos  High-Speed Rectifier Applications (Fast Recovery)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMF05 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  CMF05 Datasheet HTML 1Page - Toshiba Semiconductor CMF05 Datasheet HTML 2Page - Toshiba Semiconductor CMF05 Datasheet HTML 3Page - Toshiba Semiconductor CMF05 Datasheet HTML 4Page - Toshiba Semiconductor CMF05 Datasheet HTML 5Page - Toshiba Semiconductor CMF05 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMF05
2010-02-17
5
0
0.8
0
0.1
0.4
0.6
0.3
α = 60°
120°
180°
1.6
0.2
0.5
1.2
0.4
1
100
1000
1
0.01
0.1
10
100
10
0
4
12
10
8
1
100
10
3
30
50
6
2
0
0
0.4
0.6
0.8
0.1
0.5
α = 60°
120° 180°
0.7
0.3
0.2
40
20
60
120
80
100
140
0
0
40
0.4
0.8
20
60
120
0.1
0.6
80
α = 60°
120°
180°
0.5
0.7
0.3
0.2
100
140
0
1.0
0.01
0.1
1
10
2.0
3.0
4.0
25°C
75°C
5.0
Tj = 125°C
Average forward current IF (AV) (A)
Ta max – IF (AV)
Device mounted on a glass-epoxy board
(board size: 50 mm × 50 mm, land size: 6 mm × 6 mm)
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Instantaneous forward voltage VF
(V)
iF – vF
Pulse test
Average forward current IF (AV) (A)
T
ℓ max – IF (AV)
Time t (s)
rth (j-a) – t
Device mounted on
a glass-epoxy board
(board size: 50 mm × 50 mm,
land size: 2.1 mm × 1.4 mm,
board thickness: 0.64 mm)
Device mounted on a ceramic board
(board size: 50 mm × 50 mm,
land size: 2.0 mm × 2.0 mm,
board thickness: 0.64 mm)
Device mounted on
a glass-epoxy board
(board size: 50 mm × 50 mm,
land size: 6.0 mm × 6.0 mm,
board thickness: 1.6 mm)
Number of cycles
Surge forward current
(non-repetitive)
360°
Rectangular
waveform
α
Conduction
angle:
α
360°
Rectangular
waveform
α
Conduction
angle:
α
Ta
= 25°C
f
= 50 Hz
360°
Rectangular
waveform
α
Conduction
angle:
α
0.001
1000



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com