Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

JTL3048S15 Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza JTL3048S15
Descripción Electrónicos  30 Watts JTL Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTL3048S15 Datasheet(HTML) 1 Page - XP Power Limited

  JTL3048S15 Datasheet HTML 1Page - XP Power Limited JTL3048S15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
30 Watts
4:1 Input Range
High Power Density
Single, Dual and Triple Outputs
High Efficiency
Up to 91%
Remote On/Off
1600 VDC Isolation
3 Year Warranty
JTL Series
Input
Input Voltage Range
• 24 V (9-36 VDC), 48 V (18-75 VDC)
Input Current
• See table
Input Reflected Ripple
• 20 mA pk-pk through 12 µH inductor
Input Filter
• Pi network
Undervoltage Lockout
• 24 V models: ON 8.6 V, OFF 7.9 V typical
48 V models: ON 17.8 V, OFF 16 V typical
Input Surge
• 24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on single outputs models only
Minimum Load
• No minimum load required for single and
dual output models, 10% required on all
outputs for triple output models
Line Regulation
• ±0.2% max for single and dual output
models, ±1.0% main, ±5% auxiliary for
triple output models
Load Regulation
• Single output models: ±0.5% max
Dual output models: ±1% max
balanced outputs
Triple output models: ±1% max main, ±5%
auxiliaries
Cross Regulation
• ±5% for dual and triples output (see note 2)
Setpoint Accuracy
• ±1% (±5% for triple auxiliaries)
Start Up Time
• 30 ms typical
Ripple & Noise
• 100 mV or 1% pk-pk, whichever is greater
single & dual output models, 50/75 mV
pk-pk main/auxiliary outputs of triple output
models, 20 MHz bandwidth (see note 3)
Transient Response
• 3% max deviation, recovery to within
1% in <250 µs for a 25% load change
Temp. Coefficient
• 0.02%/°C
Overvoltage Protection
• 3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15 V typical
15 V models: 18 V typical
±5 V models: ±6.2 V typical
±12 V models: ±15 V typical
±15 V models: ±18 V typical
Overload Protection
• >150% of full load
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Overtemperature
• 115 °C typical
Protection
Remote On/Off
• On = Logic High (>3.0) or Open
Off = Logic Low (<1.2 V) or short pin 2 to 3
Maximum Capacitive
• See table
Load
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Switching Frequency
• 330 kHz typical
Power Density
• 37.5 W/in3
MTBF
• 320 kHrs min to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +75 °C, see derating curve
Case Temperature
• +105 °C max
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +125 °C
EMC
Emissions
• EN55022, class A conducted &
radiated with external components,
see application note
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3 10 V/m Perf Criteria A*
EFT/Burst
• EN61000-4-4 level 3, Perf Criteria A*
Surge
• EN61000-4-5 installation class 2,
Perf Criteria A
Conducted Immunity
• EN61000-4-6 10 V/rms, Perf Criteria A
Magnetic Field
• EN61000-4-8 1 A/m, Perf Criteria A
*External input capacitor required 220 µF/250 V


Número de pieza similar - JTL3048S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
JTL4024D12 XPPOWER-JTL4024D12 Datasheet
250Kb / 2P
40 Watts JTL Series
JTL4024D15 XPPOWER-JTL4024D15 Datasheet
250Kb / 2P
40 Watts JTL Series
JTL4024S05 XPPOWER-JTL4024S05 Datasheet
250Kb / 2P
40 Watts JTL Series
JTL4024S12 XPPOWER-JTL4024S12 Datasheet
250Kb / 2P
40 Watts JTL Series
JTL4024S15 XPPOWER-JTL4024S15 Datasheet
250Kb / 2P
40 Watts JTL Series
More results

Descripción similar - JTL3048S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
30 Watts
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
30 Watts
logo
XP Power Limited
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
530 Watts ECL Series
logo
Omron Electronics LLC
E32DC200E OMRON-E32DC200E Datasheet
3Mb / 31P
530 Watts ECL Series
logo
XP Power Limited
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
30 Watts RDC Series
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
40 Watts JTL Series
ECL05 XPPOWER-ECL05 Datasheet
1Mb / 6P
5-30 Watts ECL Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
30 Watts JCK Series
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
30 Watts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com