Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UDQ2547EB Datasheet(PDF) 6 Page - Allegro MicroSystems

No. de pieza UDQ2547EB
Descripción Electrónicos  PROTECTED QUAD POWER DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDQ2547EB Datasheet(HTML) 6 Page - Allegro MicroSystems

  UDQ2547EB Datasheet HTML 1Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 2Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 3Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 4Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 5Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 6Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 7Page - Allegro MicroSystems UDQ2547EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2547
PROTECTED
QUAD POWER DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
0.51
MIN
4.57
4.20
1.27
BSC
12.57
12.32
11.582
11.430
1
28
INDEX AREA
Dwg. MA-005-28A mm
0.812
0.661
0.331
0.533
12.57
12.32
26
25
19
18
12
11
4
5
11.58
11.43
5.56
4.85
5.56
4.85
UDN2547EB and UDQ2547EB
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative
3. Webbed lead frame. Leads 5 through 11 and 19 through 25 are internally one piece.
18
12
0.020
MIN
0.050
BSC
1
28
INDEX AREA
Dwg. MA-005-28A in
0.026
0.032
0.013
0.021
26
25
19
11
4
5
0.165
0.180
0.495
0.485
0.456
0.450
0.495
0.485
0.456
0.450
0.219
0.191
0.219
0.191



Html Pages

1 2 3 4 5 6 7 8