Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A2557KB Datasheet(PDF) 8 Page - Allegro MicroSystems

No. de pieza A2557KB
Descripción Electrónicos  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557KB Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A2557KB Datasheet HTML 4Page - Allegro MicroSystems A2557KB Datasheet HTML 5Page - Allegro MicroSystems A2557KB Datasheet HTML 6Page - Allegro MicroSystems A2557KB Datasheet HTML 7Page - Allegro MicroSystems A2557KB Datasheet HTML 8Page - Allegro MicroSystems A2557KB Datasheet HTML 9Page - Allegro MicroSystems A2557KB Datasheet HTML 10Page - Allegro MicroSystems A2557KB Datasheet HTML 11Page - Allegro MicroSystems A2557KB Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
A2557EB, A2557KB, & A2557SB
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES:1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative
3. Lead thickness is measured at seating plane or below.
4. Webbed lead frame. Leads 4, 5, 12, and 13 are internally one piece.
0.508
0.204
7.62
BSC
Dwg. MA-001-17A mm
10.92
MAX
16
1
8
7.11
6.10
5.33
MAX
1.77
1.15
0.39
MIN
0.558
0.356
2.54
BSC
0.13
MIN
3.81
2.93
9
19.68
18.67
NOTE 4
0.020
0.008
0.300
BSC
Dwg. MA-001-17A in
0.430
MAX
16
1
8
0.280
0.240
0.210
MAX
0.070
0.045
0.015
MIN
0.022
0.014
0.100
BSC
0.005
MIN
0.150
0.115
9
0.775
0.735
NOTE 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12