| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADN8831ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADN8831ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() ADN8831 Data Sheet Rev. A | Page 14 of 20 The sink current is set by the resistor connected from FREQ (Pin 13) to ground. The sink current is calculated using the following equation: FREQ SINK R I V 25 . 1 = where: ISINC is the sink current at VLIM (Pin 31). RFREQ is the resistor connected at FREQ (Pin 13). The cooling and heating limits are calculated using the following equations: B A B REF COOL VLIM R R R V V + × = , B A SINK COOL VLIM HEAT VLIM R R I V V × − = , , MAXIMUM TEC CURRENT LIMIT To protect the TEC, separate maximum TEC current limits in cooling and heating directions are set by applying a voltage at ILIMC (Pin 1) and ILIMH (Pin 32). Maximum TEC currents are calculated using the following equations: SENSE ILIMC COOL MAX TEC R V I × − = 25 V 25 . 1 , , SENSE ILIMH HEAT MAX TEC R V I × − = 25 V 25 . 1 , , |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |