Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78M08C Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza L78M08C
Descripción Electrónicos  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M08C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L78M08C Datasheet HTML 12Page - STMicroelectronics L78M08C Datasheet HTML 13Page - STMicroelectronics L78M08C Datasheet HTML 14Page - STMicroelectronics L78M08C Datasheet HTML 15Page - STMicroelectronics L78M08C Datasheet HTML 16Page - STMicroelectronics L78M08C Datasheet HTML 17Page - STMicroelectronics L78M08C Datasheet HTML 18Page - STMicroelectronics L78M08C Datasheet HTML 19Page - STMicroelectronics L78M08C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Typical performance
L78MxxC
16/30
DocID2146 Rev 19
Note:
The circuit performs well up to 100 kHz.
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 27. Power AM modulator (unity voltage gain, IO 0.5)
Figure 28. Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30