| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7809ABV Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809ABV Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 57 page ![]() DocID2143 Rev 31 35/57 L78xx, L78xxC, L78xxAB, L78xxAC Application information Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 26. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE Figure 27. Light controllers (VO(min) = VXX + VBE) VO rises when the light goes up VO falls when the light goes up |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |