Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2560DQ Datasheet(PDF) 10 Page - Monolithic Power Systems

No. de pieza MP2560DQ
Descripción Electrónicos  2.5A, 4MHz, 42V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560DQ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2560DQ Datasheet HTML 6Page - Monolithic Power Systems MP2560DQ Datasheet HTML 7Page - Monolithic Power Systems MP2560DQ Datasheet HTML 8Page - Monolithic Power Systems MP2560DQ Datasheet HTML 9Page - Monolithic Power Systems MP2560DQ Datasheet HTML 10Page - Monolithic Power Systems MP2560DQ Datasheet HTML 11Page - Monolithic Power Systems MP2560DQ Datasheet HTML 12Page - Monolithic Power Systems MP2560DQ Datasheet HTML 13Page - Monolithic Power Systems MP2560DQ Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP2560 – 2.5A, 4MHz, 42V STEP-DOWN CONVERTER
MP2560 Rev. 1.2
www.MonolithicPower.com
10
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB pin.
The voltage divider divides the output voltage
down to the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
)
2
R
1
R
(
V
V
FB
OUT
+
=
About 20µA current from high side BS circuitry
can be seen at the output when the MP2560is
at no load. In order to absorb this small amount
of current, keep R2 under 40KΩ.
A typical
value for R2 can be 40.2kΩ. With this value, R1
can be determined by:
)
k
)(
8
.
0
V
(
25
.
50
1
R
OUT
×
=
For example, for a 3.3V output voltage, R2 is
40.2kΩ, and R1 is 124kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current.
A good rule for determining the inductance to
use is to allow the peak-to-peak ripple current in
the inductor to be approximately 30% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated by:
⎟⎟
⎜⎜
×
×
=
IN
OUT
L
S
OUT
V
V
1
∆I
f
V
1
L
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎜⎜
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors
from various manufacturers. The choice of
which style inductor to use mainly depends on
the price vs. size requirements, the switching
frequency, and any EMI requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com