Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SD1834T100 Datasheet(PDF) 1 Page - Rohm

No. de pieza 2SD1834T100
Descripción Electrónicos  Medium Power Transistor (60V, 1A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SD1834T100 Datasheet(HTML) 1 Page - Rohm

  2SD1834T100 Datasheet HTML 1Page - Rohm 2SD1834T100 Datasheet HTML 2Page - Rohm 2SD1834T100 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.B
Medium Power Transistor (60V, 1A)
2SD1834
Features
Dimensions (Unit : mm)
1) Darlington connection for high DC current gain
(typically, DC current gain = 15000 at VCE = 3V, IC = 0.5A)
2) High input impedance.
Inner circuit
B
C
E
C
B
E
: Base
: Collector
: Emitter
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCES
VEBO
IC
PC
Tj
Tstg
Limits
60
60
7
1
0.5
2
150
−55 to +150
Unit
V
V
V
A(DC)
2
A(Pulse)
∗1
∗2
∗3
W
°C
°C
1 Single pulse Pw=100ms
2 RBE=0Ω
3 Mounted on a 40×40×t0.7mm ceramic substrate
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
60
60
7
0.9
150
7
1
1
1.5
V
V
V
μA
μA
V
MHz
pF
IC
=50μA
IC
=100μA , RBE=0Ω
IE
=50μA
VCB
=60V
VEB
=6V
IC/IB
=500mA/500μA
hFE
2000
−−
VCE
/IC
=3V/500mA
VCE
=5V , IE= −10mA , f=100MHz
VCE
=10V , IE=0A , f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Transition frequency
Output capacitance
DC current transfer ratio
Measured using pulse current.
MPT3
(1)Base
(2)Collector
(3)Emitter
1.5
0.4
1.6
0.5
3.0
0.4
0.4
1.5
1.5
(3)
(2)
(1)
4.5


Número de pieza similar - 2SD1834T100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD1834 ROHM-2SD1834 Datasheet
66Kb / 3P
MEDIUM POWER TRANSISTOR
2SD1834 ROHM-2SD1834 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
More results

Descripción similar - 2SD1834T100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
Medium power transistor (-60V, -1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X3 ROHM-MP6X3 Datasheet
120Kb / 4P
Medium Power Transistor (60V, 3A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SD1858 ROHM-2SD1858 Datasheet
144Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
Medium Power Transistor (-32V,??1A)
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
1A , 60V NPN Silicon Medium Power Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com