Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LY65W1024JL-25LLI Datasheet(PDF) 9 Page - Lyontek Inc.

No. de pieza LY65W1024JL-25LLI
Descripción Electrónicos  128K X 8 BIT HIGH SPEED CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LYONTEK [Lyontek Inc.]
Página de inicio  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY65W1024JL-25LLI Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY65W1024JL-25LLI Datasheet HTML 5Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 6Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 7Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 8Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 9Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 10Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 11Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 12Page - Lyontek Inc. LY65W1024JL-25LLI Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LY65W1024
Rev. 1.1
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
PACKAGE OUTLINE DIMENSION
32 pin 300mil SOJ Package Outline Dimension
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A
0.148(MAX)
3.759(MAX)
A1
0.025(MIN)
0.635(MIN)
A2
0.123(MAX)
3.124(MAX)
B
0.018(TYP)
0.457(TYP)
D
0.825±0.005
20.955±0.127
E
0.335(TYP)
8.509(TYP)
E1
0.300±0.005
7.620±0.127
e
0.050(TYP)
1.270(TYP)
L
0.086±0.010
2.184±0.254
y
0.003(MAX)
0.076(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com