Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPQ2490 Datasheet(PDF) 10 Page - Monolithic Power Systems

No. de pieza MPQ2490
Descripción Electrónicos  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems MPQ2490 Datasheet HTML 10Page - Monolithic Power Systems MPQ2490 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MPQ2490
–INDUSTRIALGRADE,1.5A,36V,700kHzSTEP-DOWNWITHPROGRAMMABLEOUTPUTCURRENTLIMIT
MPQ2490 Rev. 1.02
www.MonolithicPower.com
10
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Output Current Sensing
The output current can be sensed through the
DC resistance (DCR) of the inductor, as shown
in Figure 2a.
In Figure 2a, the output current limit is set as:
ab
OUT
b
RR
100mV
I
DCR
R

Where DCR is the DC resistance of the inductor
winding.
In Figure 2a, it is desirable to keep
ab
S
ab
RR
L1
C
R
R
DCR

If, there is no Rb:

as
L1
RC
DCR
For more accurate sensing, use a more
accurate sense resistor, as in Figure 2b, where
the output current limit is set as:
OUT
SENSE
100mV
I
R
Figure 2
—Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com