| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD976A Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD976A Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 16 page ![]() AD976/AD976A –5– REV. C ABSOLUTE MAXIMUM RATINGS 1 Analog Inputs VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 25 V CAP . . . . . . . . . . . . . . . . +VANA + 0.3 V to AGND2 – 0.3 V REF . . . . . . . . . . . . . . . . . . . . . Indefinite Short to AGND2 Ground Voltage Differences DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . . . ±0.3 V Supply Voltages VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V VDIG to VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 7 V VDIG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Digital Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VDIG + 0.3 V Internal Power Dissipation 2 PDIP (N), SOIC (R), SSOP (RS) . . . . . . . . . . . . . 700 mW Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150 °C Storage Temperature Range (N, R, RS) . . . –65 °C to +150°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Specification is for device in free air: 28-Lead PDIP: θ JA = 74°C/W; θJC = 24°C/W, 28-Lead SOIC: θ JA = 72°C/W; θJC = 23°C/W, 28-Lead SSOP: θ JA = 109°C/W; θJC = 39°C/W. ORDERING GUIDE Temperature Max Min Throughput Package Package Model Range INL S/(N+D) Rate Descriptions Options AD976AN –40 °C to +85°C ±3.0 LSB 83 dB 100 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976BN –40 °C to +85°C ±2.0 LSB 85 dB 100 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976CN –40 °C to +85°C 83 dB 100 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976AAN –40 °C to +85°C ±3.0 LSB 83 dB 200 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976ABN –40 °C to +85°C ±2.0 LSB 85 dB 200 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976ACN –40 °C to +85°C 83 dB 200 kSPS 28-Lead, 300 mil Plastic DIP N-28B AD976AR –40 °C to +85°C ±3.0 LSB 83 dB 100 kSPS 28-Lead Small Outline Package R-28 AD976BR –40 °C to +85°C ±2.0 LSB 85 dB 100 kSPS 28-Lead Small Outline Package R-28 AD976CR –40 °C to +85°C 83 dB 100 kSPS 28-Lead Small Outline Package R-28 AD976AAR –40 °C to +85°C ±3.0 LSB 83 dB 200 kSPS 28-Lead Small Outline Package R-28 AD976ABR –40 °C to +85°C ±2.0 LSB 85 dB 200 kSPS 28-Lead Small Outline Package R-28 AD976ACR –40 °C to +85°C 83 dB 200 kSPS 28-Lead Small Outline Package R-28 AD976ARS –40 °C to +85°C ±3.0 LSB 83 dB 100 kSPS 28-Lead Shrink Small Outline Package RS-28 AD976BRS –40 °C to +85°C ±2.0 LSB 85 dB 100 kSPS 28-Lead Shrink Small Outline Package RS-28 AD976CRS –40 °C to +85°C 83 dB 100 kSPS 28-Lead Shrink Small Outline Package RS-28 AD976AARS –40 °C to +85°C ±3.0 LSB 83 dB 200 kSPS 28-Lead Shrink Small Outline Package RS-28 AD976ABRS –40 °C to +85°C ±2.0 LSB 85 dB 200 kSPS 28-Lead Shrink Small Outline Package RS-28 AD976ACRS –40 °C to +85°C 83 dB 200 kSPS 28-Lead Shrink Small Outline Package RS-28 PIN CONFIGURATION DIP, SOIC and SSOP Packages 14 13 12 11 10 9 8 2 3 4 7 6 5 1 TOP VIEW (Not to Scale) 17 16 15 19 18 20 28 27 26 25 24 23 22 21 AD976 AD976A VIN CS BUSY VANA VDIG AGND1 REF CAP D0 (LSB) BYTE R/ C AGND2 D15 (MSB) D14 D13 D12 D11 D3 D2 D1 D10 D9 D8 DGND D4 D7 D6 D5 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD976/AD976A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. 1.6mA IOL TO OUTPUT PIN CL 100pF 500 A IOH +2.1V Figure 1. Load Circuit for Digital Interface Timing WARNING! ESD SENSITIVE DEVICE |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |