| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM27X128 Datasheet(PDF) 4 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM27X128 Datasheet(HTML) 4 Page - Advanced Micro Devices |
|
4 / 10 page ![]() 4 Am27X128 FUNCTIONAL DESCRIPTION Read Mode To obtain data at the device outputs, Chip Enable (CE#) and Output Enable (OE#) must be driven low. CE# con- trols the power to the device and is typically used to se- lect the device. OE# enables the device to output data, independent of device selection. Addresses must be stable for at least tACC–tOE. Refer to the Switching Waveforms section for the timing diagram. Standby Mode The device enters the CMOS standby mode when CE# is at VCC ± 0.3 V. Maximum VCC current is reduced to 100 µA. The device enters the TTL-standby mode when CE# is at VIH. Maximum VCC current is reduced to 1.0 mA. When in either standby mode, the device places its outputs in a high-impedance state, indepen- dent of the OE# input. Output OR-Tieing To accommodate multiple memory connections, a two-line control function provides: s Low memory power dissipation, and s Assurance that output bus contention will not occur. CE# should be decoded and used as the primary de- vice-selecting function, while OE# be made a common connection to all devices in the array and connected to the READ line from the system control bus. This as- sures that all deselected memory devices are in their low-power standby mode and that the output pins are only active when data is desired from a particular mem- ory device. System Applications During the switch between active and standby condi- tions, transient current peaks are produced on the ris- ing and falling edges of Chip Enable. The magnitude of these transient current peaks is dependent on the out- put capacitance loading of the device. At a minimum, a 0.1 µF ceramic capacitor (high frequency, low inherent inductance) should be used on each device between VCC and VSS to minimize transient effects. In addition, to overcome the voltage drop caused by the inductive effects of the printed circuit board traces on Express- ROM device arrays, a 4.7 µF bulk electrolytic capacitor should be used between VCC and VSS for each eight devices. The location of the capacitor should be close to where the power supply is connected to the array. MODE SELECT TABLE Note: X = Either VIH or VIL. Mode CE# OE# PGM# VPP Outputs Read VIL VIL XX DOUT Output Disable X VIH X X High Z Standby (TTL) VIH X X X High Z Standby (CMOS) VCC ± 0.3 V X X X High Z |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |