Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECJ2VC2A102 Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza ECJ2VC2A102
Descripción Electrónicos  Multilayer Ceramic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VC2A102 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECJ2VC2A102 Datasheet HTML 1Page - Panasonic Semiconductor ECJ2VC2A102 Datasheet HTML 2Page - Panasonic Semiconductor ECJ2VC2A102 Datasheet HTML 3Page - Panasonic Semiconductor ECJ2VC2A102 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC35 –
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
15000
±10 % (K)
or
±20 % (M)
ECJ3FB2D153
1.15
22000
ECJ3FB2A223
1.15
ECJ3FB2D223
1.15
33000
ECJ3FB2A333
1.15
47000
ECJ3FB2A473
1.15
100000
ECJ3YB2A104
1.6
● Class 2
◆ Temperature Characteristic Code: B (Temperature Characteristics: B, X7R)
: Capacitance tolerance code : “ ” for “J” or “K”
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.15 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
CH
470
±5 % (J)
or
±10 % (K)
ECJ3FC2D471
1.15
680
ECJ3FC2D681
1.15
1000
ECJ3FC2D102
1.15
1500
ECJ3VC2A152
0.85
2200
ECJ3VC2A222
0.85
3300
ECJ3VC2A332
0.85
■ Standard Products for EIA “1206”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T: L, W: ± 0.15 mm / T: ± 0.1 mm for T=1.15, ± 0.2 mm for T=1.6
Standard packaging quantity of Packaging Style Code “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm): 2,000 pcs./reel
Avoid flow soldering.
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T: L, W: ± 0.3 mm / T: ± 0.2 mm for T=2.0, ± 0.3 mm for T=2.5
Standard packaging quantity : 2,000 pcs./reel for T = 2.0 mm, 1,000 pcs./reel for T = 2.5 mm
Avoid flow soldering.
Rated voltage
DC 100 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
0.22 ±10 % (K)
or
±20 % (M)
ECJ4YB2A224
2.0
0.47
ECJ4YB2A474
2.0
0.68
ECJ4YB2A684
2.5
■ Standard Products for EIA “1210”, Taped Version
● Class 2
◆ Temperature Characteristic Code: B (Temperature Characteristics: B)
00 Sep. 2008



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com