Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L79L06C Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza L79L06C
Descripción Electrónicos  Negative voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L06C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L79L06C Datasheet HTML 10Page - STMicroelectronics L79L06C Datasheet HTML 11Page - STMicroelectronics L79L06C Datasheet HTML 12Page - STMicroelectronics L79L06C Datasheet HTML 13Page - STMicroelectronics L79L06C Datasheet HTML 14Page - STMicroelectronics L79L06C Datasheet HTML 15Page - STMicroelectronics L79L06C Datasheet HTML 16Page - STMicroelectronics L79L06C Datasheet HTML 17Page - STMicroelectronics L79L06C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Electrical characteristics
L79LxxAB, L79LxxAC, L79LxxC
14/27
Doc ID 2511 Rev 16
Refer to the test circuits, VI = - 14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C
for L79L05AC, TJ = -40 to 125 °C for L79L05AB, unless otherwise specified.
Table 12.
Electrical characteristics of L79L08AB and L79L08AC
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-7.68-8-8.32
V
VO
Output voltage
IO = 1 to 40 mA, VI = -10.5 to -23 V
-7.6
-8.4
V
IO = 1 to 70 mA, VI = -14 V
-7.6
-8.4
ΔVO
Line regulation
VI = -10.5 to -23 V, TJ = 25°C
175
mV
VI = -11 to -23 V, TJ = 25°C
125
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
80
mV
IO = 1 to 40 mA, TJ = 25°C
40
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = -11 to -23 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
60
µV
SVR
Supply voltage rejection
VI = -12 to -23V, f = 120Hz
IO = 40 mA, TJ = 25°C
37
45
dB
Vd
Dropout voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com