Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FPWINPROFEN5 Datasheet(PDF) 12 Page - Panasonic Semiconductor

No. de pieza FPWINPROFEN5
Descripción Electrónicos  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWINPROFEN5 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button FPWINPROFEN5 Datasheet HTML 8Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 9Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 10Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 11Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 12Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 13Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 14Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 15Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Analog I/O Unit
A/D
D/A
Pressure sensor
Tachogenerator
Thermistor
Inverter
Motor
Servo motor
Laser analog sensor
Analog input type
servodriver
FP control unit that
accepts thermistors
Example of temperature control
with the auto-tuning function only
12
Optimized temperature control
Functions convenient for temperature control are built in
The control unit with thermistor inputs enables temperature control
at low cost
Two thermistor inputs, which cost less than thermocouples,
can be connected to the FP
S (Sigma) unit via thermistor inputs
(FPG-C28P2HTM, FPG-C32T2HTM and FPG-C24R2HTM).
FP
S (Sigma) control unit that
accepts thermistors
Optimized temperature control with PID and PWM instruction
You can easily set multi-stage temperature control and time
control usually available only in high performance type
temperature controllers.
Various FPWIN Pro libraries simplify the programming of closed loop
controlled electrical installations and consequently save valuable human
resurce costs. The process and temperature control Library NCL-PTC-LIB,
for example, includes linear and non-linear controller types such as the
P/I/PI/PID controller and two-point / three-point controllers with and without
hysteresis. Functions for dead band, interpolation, ramp limiting, dead time
and averaging are also included.
Using a simple linearization command, measuring
the temperature by the thermistor can be programmed easily.
Four- and eight-channel type thermocouple input expansion unit
Up to three units can be added to each control unit, enabling temperature
control of up to 24 channels.
Advantages over multiple temperature controllers:
Information collection and computer-based storage.

On-site error monitoring using programmable display.

Significant reduction in total costs.

Power supply stabilisation by protecting synchronisation

between heater ON and OFF states.
Temperature settings can be easily changed using batch function.

09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com