Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM29DL800BT70FIB Datasheet(PDF) 43 Page - Advanced Micro Devices

No. de pieza AM29DL800BT70FIB
Descripción Electrónicos  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT70FIB Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29DL800BT70FIB Datasheet HTML 35Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 36Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 37Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 41Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 42Page - Advanced Micro Devices AM29DL800BT70FIB Datasheet HTML 43Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Am29DL800B
43
P R E L I M I NARY
REVISION SUMMARY FOR AM29DL800B
Revision A+1
Reset Command
Deleted last paragraph in section, which applied to RE-
SET#, not the reset command.
Revision A+2
Hardware Reset (RESET#)
Added note to table, fixed references to note.
Revision A+3
Global
Removed references to the 80 ns speed option.
Changed the 70R ns (VCC ± 5%) speed option to the
70 ns (VCC ± 10%) speed option.
Figure 2, In-System Sector Protect/Unprotect
Algorithms
In the sector protect algorithm, added a “Reset
PLSCNT=1” box in the path from “Protect another sec-
tor?” back to setting up the next sector address.
DQ6: Toggle Bit I
In the first and second paragraphs, clarified that the
toggle bit may be read “at any address within the pro-
gramming or erasing bank,” not “at any address.” In the
fourth paragraph, clarified “device” to “bank.”
DC Characteristics
Added reference to Note 4 on ICC6 and ICC7 specifica-
tions.
AC Characteristics
Erase/Program Operations; Alternate CE# Controlled
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 24, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million cy-
cles.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com