| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2STBN15D100T4 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STBN15D100T4 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Electrical ratings 2STBN15D100 2/7 Doc ID 16117 Rev 2 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCBO Collector-base voltage (IE = 0) 100 V VCEO Collector-emitter voltage (IB = 0) 100 V VEBO Emitter-base voltage (IC = 0) 5 V IC Collector current 12 A ICM Collector peak current 15 A IB Base current 0.2 A PTOT Total dissipation at Tcase = 25 °C 70 W TSTG Storage temperature -65 to 150 °C TJ Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case max. 1.8 °C/W |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |