| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F205VG Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VG Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 177 page ![]() Electrical characteristics STM32F20xxx 70/177 Doc ID 15818 Rev 9 Typical and maximum current consumption The MCU is placed under the following conditions: ● At startup, all I/O pins are configured as analog inputs by firmware. ● All peripherals are disabled except if it is explicitly mentioned. ● The Flash memory access time is adjusted to fHCLK frequency (0 wait state from 0 to 30 MHz, 1 wait state from 30 to 60 MHz, 2 wait states from 60 to 90 MHz and 3 wait states from 90 to 120 MHz). ● When the peripherals are enabled HCLK is the system clock, fPCLK1 = fHCLK/4, and fPCLK2 = fHCLK/2, except is explicitly mentioned. ● The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature (TA), and the typical values for TA= 25 °C and VDD = 3.3 V unless otherwise specified. Table 18. Typical and maximum current consumption in Run mode, code with data processing running from Flash memory (ART accelerator disabled) Symbol Parameter Conditions fHCLK Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock(2), all peripherals enabled(3) 120 MHz 61 81 93 mA 90 MHz 48 68 80 60 MHz 33 53 65 30 MHz 18 38 50 25 MHz 14 34 46 16 MHz(4) 10 30 42 8 MHz 6 26 38 4 MHz 4 24 36 2 MHz 3 23 35 External clock(2), all peripherals disabled 120 MHz 33 54 66 90 MHz 27 47 59 60 MHz 19 39 51 30 MHz 11 31 43 25 MHz 8 28 41 16 MHz(4) 626 38 8 MHz 4 24 36 4 MHz 3 23 35 2 MHz 2 23 34 1. Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled. 2. External clock is 4 MHz and PLL is on when fHCLK > 25 MHz. 3. When the ADC is on (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for the analog part. 4. In this case HCLK = system clock/2. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |