| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7809AC Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809AC Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 57 page ![]() Electrical characteristics L78xx, L78xxC, L78xxAB, L78xxAC 10/57 Doc ID 2143 Rev 30 VI = 10 V, IO = 1 A, TJ = 0 to 125 °C (L7805AC), TJ = -40 to 125 °C (L7805AB), unless otherwise specified. Table 5. Electrical characteristics of L7805A Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 4.9 5 5.1 V VO Output voltage IO = 5 mA to 1 A, VI = 7.5 to 18 V 4.8 5 5.2 V VO Output voltage IO = 1 A, VI = 18 to 20 V, TJ = 25°C 4.8 5 5.2 V ΔVO (1) Line regulation VI = 7.5 to 25 V, IO = 500 mA, TJ = 25°C 7 50 mV VI = 8 to 12 V 10 50 mV VI = 8 to 12 V, TJ = 25°C 2 25 mV VI = 7.3 to 20 V, TJ = 25°C 7 50 mV ΔVO (1) Load regulation IO = 5 mA to 1 A 25 100 mV IO = 5 mA to 1.5 A, TJ = 25°C 30 100 IO = 250 to 750 mA 8 50 Iq Quiescent current TJ = 25°C 4.3 6 mA 6mA ΔIq Quiescent current change VI = 8 to 23 V, IO = 500 mA 0.8 mA VI = 7.5 to 20 V, TJ = 25°C 0.8 mA IO = 5 mA to 1 A 0.5 mA SVR Supply voltage rejection VI = 8 to 18 V, f = 120 Hz, IO = 500 mA 68 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 V eN Output noise voltage TA = 25°C, B =10 Hz to 100 kHz 10 µV/VO RO Output resistance f = 1 kHz 17 m Ω Isc Short circuit current VI = 35 V, TA = 25°C 0.2 A Iscp Short circuit peak current TJ = 25°C 2.2 A ΔVO/ΔT Output voltage drift -1.1 mV/°C 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |