| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HDN44-24-21ST-059 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HDN44-24-21ST-059 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 8 page ![]() Construction Equipment A STEP AHEAD A STEP AHEAD 2 3 HD/HDP Series - Heavy Duty Field - Proven Interconnection Systems Truck Applications Bus Applications Farm Equipment HD30 & HDP20 Series Technical Manual HD30 & HDP20 Series Technical Manual Deutsch HD30 Series A heavy duty, environmentally sealed, multi-pin circular connector, featuring quick connect-disconnect bayonet coupling, single hole bulkhead mounting, silicone seals, with a rear insertion/rear removal contact system. The Deutsch HD30 Series connector, was developed to meet the needs of the heavy duty equipment and transportation industries for rugged, multi-pin, sealed connector systems. Deutsch HDP20 Series Designed specifically for the truck, bus and off-highway industry, the HDP20 Series is a heavy duty rated, environmentally sealed, composite shell, multi-pin connector. The plug features a quick connect-disconnect bayonet style coupling and the receptacle is designed for single hole mounting. Thus reducing assembly line time and installation costs. Table of Contents Improved Techniques HD/HDP Series Connector Features Material Specifications Ordering Information Insert Arrangements Usable Wire Sizes Envelope Drawings Receptacle Mounting / Mating / Unmating Instructions Assembly Instructions Contacts HD/HDP Accessories 4-5 6 7 8 9 10 11 12 13 14 15 Construction Equipment shoulder of the contact, preventing accidental dislodging. Although securely locked in place, these contacts can be quickly and easily removed by the use of an inexpensive, non- conductive removal tool. Corrosion Proof Plastic Shell HDP20 Series Provide a Cost Effective Alternative Deutsch plastic shell HDP20 Series provide cost effectiveness with heavy duty terminations for the truck, bus & off- highway industries. Other features include: silicone wire and interfacial seals, visual indication of lock and mated position. Corrosion proof plastic shells and use of low cost stamped and formed contacts provides a cost effective solution for your application. The HDP20 uses a bayonet coupling system to provide a vibration resistant locking mechanism. This shell provides a multiple keying system that positively prevents mismating and makes plug and receptacle coupling quick and easy. Receptacles mount with a single hole using a “flat” to prevent the connector from rotating. Rugged Metal Shell HD30 Series Withstands Years of Abuse Deutsch HD30 Series features a lightweight, yet compact and rugged metal shell to protect contacts and sealing grommets. This shell provides a multiple keying system that positively prevents mismating and makes plug and receptacle coupling quick and easy. The HD30 Series uses a bayonet coupling system that provides a positive vibration resistant locking mechanism with visual indication of proper mate and lock. This quick disconnect system requires only a quarter turn to operate. Easy installation to structure is provided by a single one-hole mounting system using a “flat” to prevent the connector from rotating during assembly or service. The HD/HDP Series Decreases Costs and UP-Grades Performance The Deutsch HD/HDP Series was developed to provide a solution to today’s system problems found in the heavy duty trucking, equipment and transportation industries. The HD/ HDP is a cylindrical, multi-pin, sealed device utilizing crimp type contacts that are quickly and easily inserted or removed. Use of the HD/HDP Series eliminates several other common connector problems. Problems associated with assembly and network time, operational breakdowns requiring costly repairs and lengthy out of service time in the field have all been reduced and/or eliminated by the judicious application of the HD/HDP Series. Deutsch HD/HDP Series provide the widest selection of interconnections for critical circuits requiring heavy-duty environmental terminations. Together, the HD and HDP offer common layouts, common tooling, the same adaptability to backshells and both meet the performance standards for heavy duty applications. So whether you are looking for rugged HD metal shells or cost effective HDP plastic shells, Deutsch offers the best product for your applications while holding the line on hidden inventory and assembly costs. Some of the benefits of the Deutsch HD/HDP Series include: • Quick, fool-proof assembly, decreasing time on the assembly line and eliminating miswiring. • Simple and easy to rework, decreasing down time and increasing profits to the operator. • Sealed against moisture and contaminants, eliminating open wiring system. • Operation under severe shock and vibration, reducing break down and out of commission loss due to rugged operating conditions. • Performance over a wide temperature range (-550C to +1250C) meaning continuous operation in all environments, from arctic to desert conditions. • Human factors engineered to assure that assembly and rework can be reliably handled by unskilled personnel. A STEP AHEAD A STEP AHEAD 4 5 Electrical Connectors: Critical to System Reliability and Maintainability Recent studies indicate that electrical system failures are a common and constant source of equipment malfunction. A major area of electrical system failure is in electrical interconnections. Typical problems include loose and miswired terminals, corrosion, and contamination of terminals. Coupled with these problems, the impact of sophisticated safety devices, automated check-out systems, and other increased use of electronics, call for a re-examination of traditional termination techniques. To the operator, termination failures mean excessive down time and maintenance costs. This adds up to slipped production schedules, cost over-runs and user problems. The end result: decreased profits and a loss of share of the market. In today’s competitive arena, improved electrical connectors can make the difference between a growing, profitable operation or a losing one. SEALING INTERFACE WIRE SEAL “O” RING SEAL RECEPTACLE PLUG WIRE SEAL Sealed Against Moisture and Contaminants Unlike terminal strips, binding posts and other open-wiring systems, the Deutsch HD/HDP Series is a completely sealed unit. The rear of the connector features an integral grommet wire seal that automatically seals each contact as it is locked into place during installation. There is no extra hardware to fasten or tighten or potting operation to achieve this seal. Fabricated from tear resistant, high temperature silicone, this rear grommet protects the contact from moisture, sand, dust, lubricating oils, road salt, hydraulic fluid, grease, mud and other contaminants encountered in heavy duty use. The elimination of open-wiring systems does away with such common hazards as short circuits due to metallic objects across the terminals. This is especially important during loading or refueling operation when a spark could cause a serious explosion. Closed wiring also protects maintenance personnel against accidental shock, yet can be easily checked for circuit continuity. Contact Retention Decreases Installation Costs and Increases Reliability The HD/HDP Series uses crimp type, solid copper alloy contacts for damage proof performance and stamped & formed copper alloy contacts for cost effectiveness. Each style has the ability to carry continuous high operating current loads without overheating. The contacts or terminals are crimp terminated using automatic tooling for production and inexpensive readily available hand tools for field maintenance. After crimping, these contacts are easily installed by simply pushing the contact into place by hand. Contacts are positively secured by use of “fingers” in the connector which lock behind the CONTACT INSERTION CONTACT REMOVAL LOCKING FINGERS CONTACT UNLOCKED POSITION TOOL INSERTED TO UNLOCK CONTACT CONTACT LOCKED IN POSITION TOOL AND CONTACT REMOVED HD30 & HDP20 Series Technical Manual HD30 & HDP20 Series Technical Manual |