Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC24FV32KA301 Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza PIC24FV32KA301
Descripción Electrónicos  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FV32KA301 Datasheet HTML 17Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 18Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 19Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 20Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 21Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 22Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 23Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 24Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 320 page
background image
CTED2
12
9
17
14
44
48
12
9
17
14
44
48
I
ST
CTMU Trigger Edge Inputs
CTED3
—
—
21
18
8
9
—
—
21
18
8
9
I
ST
CTED4
5
2
5
2
22
24
5
2
5
2
22
24
I
ST
CTED5
6
3
6
3
23
25
6
3
6
3
23
25
I
ST
CTED6
15
12
23
20
10
11
15
12
23
20
10
11
I
ST
CTED7
—
—
19
16
6
6
—
—
19
16
6
6
I
ST
CTED8
13
10
18
15
1
1
13
10
18
15
1
1
I
ST
CTED9
17
14
25
22
14
15
17
14
25
22
14
15
I
ST
CTED10
18
15
26
23
15
16
18
15
26
23
15
16
I
ST
CTED11
—
—
—
—
5
5
—
—
—
—
5
5
I
ST
CTED12
—
—
—
—
13
14
—
—
—
—
13
14
I
ST
CTED13
—
—
22
19
9
10
—
—
22
19
9
10
I
ST
CTPLS
16
13
24
21
11
12
16
13
24
21
11
12
O
—
CTMU Pulse Output
HLVDIN
15
12
23
20
10
11
15
12
23
20
10
11
I
ST
IC1
11
11
19
16
6
6
11
8
19
16
6
6
I
ST
High/Low-Voltage Detect Input
IC2
13
10
18
15
5
5
13
10
18
15
5
5
I
ST
Input Capture 1 Input
IC3
15
12
23
20
13
14
15
12
23
20
13
14
I
ST
Input Capture 2 Input
INT0
11
8
16
13
43
47
11
8
16
13
43
47
I
ST
Input Capture 3 Input
INT1
17
14
25
22
14
15
17
14
25
22
14
15
I
ST
Interrupt 0 Input
INT2
14
11
20
17
7
7
15
12
23
20
10
11
I
ST
Interrupt 1 Input
MCLR
1
18
1
26
18
19
1
18
1
26
18
19
I
ST
Interrupt 2 Input
OC1
11
11
20
17
7
7
11
8
16
13
43
47
O
—
Output Compare/PWM1 Output
OC2
4
1
22
19
4
4
4
1
22
19
4
4
O
—
Output Compare/PWM2 Output
OC3
5
2
21,5
18,2
8,12,22
9,13,24
5
2
21,5
18,2
8,12,22
9,13,24
O
—
Output Compare/PWM3 Output
OCFA
17
14
25
22
14
15
17
14
25
22
14
15
O
—
Output Compare Fault A
OFCB
16
13
24
21
11,32
12,35
16
13
24
21
11,32
12,35
O
—
Output Compare Fault B
OSCI
7
4
9
6
30
33
7
4
9
6
30
33
I
ANA
Main Oscillator Input
OSCO
8
5
10
7
31
34
8
5
10
7
31
34
O
ANA
Main Oscillator Output
PGEC1
5
2
5
2
22
24
5
2
5
2
22
24
I/O
ST
ICSP™ Clock 1
PCED1
4
1
4
1
21
23
4
1
4
1
21
23
I/O
ST
ICSP Data 1
PGEC2
2
19
22,2
19,27
9,19
10,21
2
19
22,2
19,27
9,19
10,21
I/O
ST
ICSP Clock 2
TABLE 1-3:
PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
FFV
I/O
Buffer
Description
Pin Number
Pin Number
20-Pin
PDIP/SSOP/
SOIC
20-Pin
QFN
28-Pin
SPDIP/SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/TQFP
48-Pin
UQFN
20-Pin
PDIP/SSOP/
SOIC
20-Pin
QFN
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/TQFP
48-Pin
UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More