Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSM3637 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza CSM3637
Descripción Electrónicos  Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM3637 Datasheet(HTML) 3 Page - Vishay Siliconix

  CSM3637 Datasheet HTML 1Page - Vishay Siliconix CSM3637 Datasheet HTML 2Page - Vishay Siliconix CSM3637 Datasheet HTML 3Page - Vishay Siliconix CSM3637 Datasheet HTML 4Page - Vishay Siliconix CSM3637 Datasheet HTML 5Page - Vishay Siliconix CSM3637 Datasheet HTML 6Page - Vishay Siliconix CSM3637 Datasheet HTML 7Page - Vishay Siliconix CSM3637 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FIGURE 2 - DIMENSIONS AND IMPRINTING
in inches (millimeters)
H
A
W
B
T
L
CSM2512 DIMENSIONS
(1)
e
I
a
d
c
b
CSM2512 LAND PATTERN
E
1
E
2
I
1
I
2
Kelvin Connection
I
1, I2 - Current
E
1, E2 - Sense
I
a
d
c
b
CSM3637 LAND PATTERN
E
1
E
2
I
1
I
2
H
A
W
B
T
L
CSM3637 DIMENSIONS
(1)
DIMENSIONS - TOLERANCES ± 0.010 (± 0.254), * ± 0.015 (± 0.381)
MODEL
RESISTANCE RANGE (m
Ω)
L
W
H
T
A
B
CSM2512
1 to < 5
0.250 (6.350)
0.125 (3.175)
0.025 (0.635)
0.087 (2.210)
0.030 (0.762)* 0.032 (0.813)*
5 to < 7
0.047 (1.194)
7 to 200
0.030 (0.762)
CSM3637
1 to < 2
0.360 (9.144)
0.370 (9.398)
0.025 (0.635)
0.138 (3.505)
0.061 (1.55)
0.032 (0.813)
2 to 200
0.360 (9.144)
0.370 (9.398)
0.025 (0.635)
0.086 (2.184)
0.061 (1.549)
0.032 (0.813)
LAND PATTERN DIMENSIONS - TOLERANCES ± 0.003 (± 0.076)
MODEL
RANGE
a
b
c
d
e
I
CSM2512
0R001 to 0R0049
0.120 (3.05)
0.145 (3.68)
0.045 (1.14)
0.021 (0.53)
0.055 (1.39)
0.050 (1.27)
0R005 to 0R0069
0.083 (2.10)
0.145 (3.68)
0.045 (1.14)
0.021 (0.53)
0.055 (1.39)
0.125 (3.17)
0R007 to 0R2
0.065 (1.65)
0.145 (3.68)
0.045 (1.14)
0.021 (0.53)
0.055 (1.39)
0.160 (4.06)
CSM3637
0R001 to 0R0019
0.168 (4.27)
0.390 (9.91)
0.066 (1.68)
0.024 (0.610)
-
0.074 (1.88)
0R002 to 0R2
0.116 (2.95)
0.390 (9.91)
0.066 (1.68)
0.024 (0.610)
-
0.178 (4.52)
CSM Series
Vishay Foil Resistors
Document Number: 63089
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 3-May-11
3
Note
(1) White dot indicates top side of part for mounting purposes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com