Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HFXO Datasheet(PDF) 1 Page - STATEK CORPORATION

No. de pieza HFXO
Descripción Electrónicos  High Precision & High Shock, Low Profile Miniature Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STATEK [STATEK CORPORATION]
Página de inicio  http://www.statek.com
Logo STATEK - STATEK CORPORATION

HFXO Datasheet(HTML) 1 Page - STATEK CORPORATION

  HFXO Datasheet HTML 1Page - STATEK CORPORATION HFXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
10189 Rev C
HFXO OSCILLATOR
220 kHz to 100 MHz
High Precision & High Shock, Low Profile Miniature
Surface Mount Crystal Oscillator
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.256
6.50
0.263
6.68
B0.197
5.00
0.204
5.18
C (SM1)
0.065
1.65
0.068
1.73
C (SM3/SM5) 0.069
1.75
0.075
1.91
D0.055
1.40
0.065
1.65
E0.060
1.52
0.070
1.78
PIN CONNECTIONS
1. Enable/Disable (E or T) or not connected (N)
2. Ground
3. Output
4.
VDD
SUGGESTED LAND PATTERN
DIMENSIONS
0.067 (1.70)
0.070 (1.78)
0.065 (1.65)
0.136 (3.45)
GRID
PLACEMENT
COURTYARD
0.137 (3.48)
0.201 (5.11)
inches (mm)
DESCRIPTION
Statek’s high shock HFXO oscillators, available in tight
frequency tolerances, consist of a Statek miniature quartz
crystal and a CMOS/TTL compatible hybrid circuit in a
ceramic package. Each crystal used in the HFXO oscillator is
pre-qualified before assembly through electrical tests and
characterization over temperature.
FEATURES
Mechanical shock survivability of 75,000 g up to 50 MHz
Tight frequency tolerance
Low acceleration sensitivity
Low aging (Double Hermetic Seal)
Low jitter
Optional Output Enable/Disable with Tri-State
Low EMI emission
Full military testing to MIL-PRF-55310 available
Low power consumption
APPLICATIONS
Military & Aerospace
Smart Munitions
Cockpit Systems
Navigation
Industrial, Computer & Communications
Industrial Controls
Instrumentation
Down-hole Drilling


Número de pieza similar - HFXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
HFXO-1.8V IQD-HFXO-1.8V Datasheet
131Kb / 2P
Crystal Clock Oscillator Specification
HFXO-2.5V IQD-HFXO-2.5V Datasheet
148Kb / 2P
Crystal Clock Oscillator Specification
HFXO-3.0V IQD-HFXO-3.0V Datasheet
148Kb / 2P
Crystal Clock Oscillator Specification
HFXO-3.3V IQD-HFXO-3.3V Datasheet
148Kb / 2P
Crystal Clock Oscillator Specification
HFXO-5.0V IQD-HFXO-5.0V Datasheet
148Kb / 2P
Crystal Clock Oscillator Specification
More results

Descripción similar - HFXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CX4HGSM STATEK-CX4HGSM Datasheet
65Kb / 2P
High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CXO3MHG STATEK-CXO3MHG Datasheet
242Kb / 2P
High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
CX-1 STATEK-CX-1_11 Datasheet
77Kb / 2P
High Shock Miniature Surface Mount AT Quartz Crystal
CX4HGSM STATEK-CX4HGSM_12 Datasheet
80Kb / 2P
High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CXO3MHG STATEK-CXO3MHG_12 Datasheet
298Kb / 2P
High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
HGXO STATEK-HGXO Datasheet
87Kb / 2P
High Shock Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com