| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F205VC Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VC Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 163 page ![]() Pinouts and pin description STM32F205xx, STM32F207xx 42/163 Doc ID 15818 Rev 7 - - 40 60 70 P9 PE9 I/O FT PE9 FSMC_D6/TIM1_CH1 -- - 61 71 M9 VSS_7 SVSS_7 -- - 62 72 N9 VDD_7 SVDD_7 - - 41 63 73 R9 PE10 I/O FT PE10 FSMC_D7/TIM1_CH2N - - 42 64 74 P10 PE11 I/O FT PE11 FSMC_D8/TIM1_CH2 - - 43 65 75 R10 PE12 I/O FT PE12 FSMC_D9/TIM1_CH3N - - 44 66 76 N11 PE13 I/O FT PE13 FSMC_D10/TIM1_CH3 - - 45 67 77 P11 PE14 I/O FT PE14 FSMC_D11/TIM1_CH4 - - 46 68 78 R11 PE15 I/O FT PE15 FSMC_D12/TIM1_BKIN 29 H3 47 69 79 R12 PB10 I/O FT PB10 SPI2_SCK/ I2S2_SCK/ I2C2_SCL / USART3_TX / OTG_HS_ULPI_D3 / ETH_MII_RX_ER / OTG_HS_SCL / TIM2_CH3 30 J2 48 70 80 R13 PB11 I/O FT PB11 I2C2_SDA/USART3_RX/ OTG_HS_ULPI_D4 / ETH_RMII_TX_EN/ ETH_MII_TX_EN / OTG_HS_SDA / TIM2_CH4 31 J3 49 71 81 M10 VCAP_1 SVCAP_1 32 - 50 72 82 N10 VDD_1 SVDD_1 - - - - 83 M11 PH6 I/O FT PH6 I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2 - - - - 84 N12 PH7 I/O FT PH7 I2C3_SCL / ETH_MII_RXD3 - - - - 85 M12 PH8 I/O FT PH8 I2C3_SDA / DCMI_HSYNC - - - - 86 M13 PH9 I/O FT PH9 I2C3_SMBA / TIM12_CH2/ DCMI_D0 - - - - 87 L13 PH10 I/O FT PH10 TIM5_CH1_ETR / DCMI_D1 - - - - 88 L12 PH11 I/O FT PH11 TIM5_CH2 / DCMI_D2 - - - - 89 K12 PH12 I/O FT PH12 TIM5_CH3 / DCMI_D3 -- - - 90 H12 VSS_14 SVSS_14 -- - - 91 J12 VDD_14 SVDD_14 Table 5. STM32F20x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |