Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SBAS40L Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SBAS40L
Descripción Electrónicos  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS40L Datasheet(HTML) 2 Page - ON Semiconductor

  SBAS40L Datasheet HTML 1Page - ON Semiconductor SBAS40L Datasheet HTML 2Page - ON Semiconductor SBAS40L Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40L, SBAS40L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
40
−
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
−
5.0
pF
Reverse Leakage
(VR = 25 V)
IR
−
1.0
mAdc
Forward Voltage
(IF = 1.0 mAdc)
VF
−
380
mVdc
Forward Voltage
(IF = 10 mAdc)
VF
−
500
mVdc
Forward Voltage
(IF = 40 mAdc)
VF
−
1.0
Vdc
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
25
3.5
0
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
0.5
0
5.0
10
15
40
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
-40
°C
25
°C
TA = 150°C
25
°C
0.8
-55
°C
125
°C
150
°C
100
25
20
1.5
2.0
2.5
0.6
0.7
125
°C
85
°C
30
35



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com