Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPC5643AF0MLU3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza SPC5643AF0MLU3
Descripción Electrónicos  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MLU3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5643AF0MLU3 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
3
1
Introduction
1.1
Document Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5644A series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5644A Microcontroller Reference Manual.
1.2
Description
The microcontroller’s e200z4 host processor core is built on Power Architecture® technology and designed specifically for
embedded applications. In addition to the Power Architecture technology, this core supports instructions for digital signal
processing (DSP).
The MPC5644A has two levels of memory hierarchy consisting of 8 KB of instruction cache, backed by 192 KB on-chip SRAM
and 4 MB of internal flash memory. The MPC5644A includes an external bus interface, and also a calibration bus that is only
accessible when using the Freescale VertiCal Calibration System.
This document describes the features of the MPC5644A and highlights important electrical and physical characteristics of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More