| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5643AF0MMG3 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643AF0MMG3 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 138 page ![]() MPC5644A Microcontroller Data Sheet, Rev. 7 Freescale Semiconductor 21 Figure 1. MPC5644A series block diagram ADC – Analog to Digital Converter ADCi – ADC interface AMux – Analog Multiplexer BAM – Boot Assist Module CRC – Cyclic Redundancy Check unit DEC – Decimation Filter DTS – Development Trigger Semaphore DSPI – Deserial/Serial Peripheral Interface EBI – External Bus Interface ECSM – Error Correction Status Module eDMA – Enhanced Direct Memory Access eMIOS – Enhanced Modular Input Output System eSCI – Enhanced Serial Communications Interface eTPU2 – Second gen. Enhanced Time Processing Unit FlexCAN– Controller Area Network (FlexCAN) FMPLL – Frequency-Modulated Phase Locked Loop JTAG – IEEE 1149.1 test controller MMU – Memory Management Unit MPU – Memory Protection Unit PMC – Power Management Controller PIT – Periodic Interrupt Timer RCOSC – low-speed RC oscillator REACM – Reaction module SIU – System Integration Unit SPE – Signal Processing Extension SRAM – Static RAM STM – System Timer Module SWT – Software Watchdog Timer VGA – Variable Gain Amplifier VLE – Variable Length (instruction) Encoding XOSC – XTAL Oscillator LEGEND eMIOS 24 Channel 3 KB Data RAM 14 KB Code RAM eTPU2 32 Channel ADCi DEC x2 VGA AMux 4 MB Flash 192 KB SRAM MPU Crossbar Switch Interrupt Controller eDMA 64 Channel SPE VLE MMU 8 KB I-cache Power Architecture e200z4 TM JTAG Nexus IEEE-ISTO 5001-2003/2010 FlexRay Nexus Class 3+ Nexus I/O Bridge Analog PLL RCOSC XOSC Voltage Regulator Standby Regulator with Switch M4 M0 M6 M7 S0 S2 S7 S1 M1 Class 1 ECSM |