| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5643AF0MLU1 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643AF0MLU1 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 138 page ![]() BOOTCFG[1] IRQ[3] ETRIG3 GPIO[212] Boot Config. Input External Interrupt Request eQADC Trigger Input GPIO P A1 A2 G 001 010 100 000 212 I I I I/O VDDEH6 Slow — / Down BOOTCFG[1] / Down 85 M15 U21 WKPCFG NMI DSPI_B_SOUT GPIO[213] Weak Pull Config. Input Non-Maskable Interrupt DSPI D data output GPIO P A1 A2 G 001 010 100 000 213 I I O I/O VDDEH6 Medium — / Up WKPCFG / Up 86 L15 AA20 External Bus Interface CS[0] ADDR[8] GPIO[0] External chip selects External address bus GPIO P A1 G 01 10 00 0O I/O I/O VDDE2 Fast — / Up — / Up — — G1 CS[1] ADDR9 GPIO[1] External chip selects External address bus GPIO P A1 G 01 10 00 1O I/O I/O VDDE2 Fast — / Up — / Up — — H1 CS[2] ADDR10 WE[2]/BE[2] CAL_WE[2]/BE[2] GPIO[2] External chip selects External address bus Write/byte enable Cal. bus write/byte enable GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 2O I/O O O I/O VDDE2 Fast — / Up — / Up — — H2 CS[3] ADDR11 WE[3]/BE[3] CAL_WE[3]/BE[3] GPIO[3] External chip selects External address bus Write/byte enable Cal bus write/byte enable GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 3O I/O O O I/O VDDE2 Fast — / Up — / Up — — H4 ADDR12 GPIO[8] External address bus GPIO P G 01 00 8 I/O I/O VDDE3 Fast — / Up — / Up — — N2 ADDR13 WE[2] GPIO[9] External address bus Write/byte enable GPIO P A2 G 001 100 000 9 I/O O I/O VDDE3 Fast — / Up — / Up — — N1 ADDR14 WE[3] GPIO[10] External address bus Write/byte enables GPIO P A2 G 001 100 000 10 I/O O I/O VDDE3 Fast — / Up — / Up — — P1 ADDR15 GPIO[11] External address bus GPIO P G 01 00 11 I/O I/O VDDE3 Fast — / Up — / Up — — P2 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |