Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAV756S Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BAV756S
Descripción Electrónicos  High-speed switching diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV756S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BAV756S Datasheet HTML 5Page - NXP Semiconductors BAV756S Datasheet HTML 6Page - NXP Semiconductors BAV756S Datasheet HTML 7Page - NXP Semiconductors BAV756S Datasheet HTML 8Page - NXP Semiconductors BAV756S Datasheet HTML 9Page - NXP Semiconductors BAV756S Datasheet HTML 10Page - NXP Semiconductors BAV756S Datasheet HTML 11Page - NXP Semiconductors BAV756S Datasheet HTML 12Page - NXP Semiconductors BAV756S Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BAV756S_BAW56_SER_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 26 November 2007
9 of 15
NXP Semiconductors
BAV756S; BAW56 series
High-speed switching diodes
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAV756S
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165
BAW56
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
BAW56M
SOT883
2 mm pitch, 8 mm tape and reel
-
-315
BAW56S
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165
BAW56T
SOT416
4 mm pitch, 8 mm tape and reel
-115
-135
BAW56W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-135
Fig 12. Reflow soldering footprint BAW56 (SOT23/TO-236AB)
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
sot023
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com