Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

APU4003 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

No. de pieza APU4003
Descripción Electrónicos  4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APLUS [Aplus Intergrated Circuits]
Página de inicio  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU4003 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APU4003 Datasheet HTML 1Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 2Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 3Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 4Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 5Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 6Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 7Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 8Page - Aplus Intergrated Circuits APU4003 Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DC output characteristics
Name
Symbol
Condition
For
Min.
Typ.
Max.
Unit
VOH1a
IOH=-200 A, #1
-0.5
-0.3
-0.1
V
VOH2 a
IOH=-1mA, #2
-1
-0.6
-0.3
V
Output H Voltage
VOH3 a
IOH=-3mA, #3
Alarm
Light
-1.5
-1.0
-0.5
V
VOL1 a
IOL=400 A, #1
-1.1
-0.9
-0.7
V
VOL2 a
IOL=2mA, #2
-2.1
-1.8
-1.4
V
Output L Voltage
VOL3 a
IOL=6mA, #3
-3.5
-3.0
-2.5
V
VOH1b
IOH=-100 A, #1
-0.5
-0.3
-0.1
V
VOH2b
IOH=-500 A, #2
-1
-0.6
-0.3
V
Output H Voltage
VOH3b
IOH=-1.5mA, #3
-1.5
-1.0
-0.5
V
VOL1b
IOL=200 A, #1
-1.1
-0.9
-0.7
V
VOL2b
IOL=1mA, #2
-2.1
-1.8
-1.4
V
Output L Voltage
VOL3b
IOL=3mA, #3
P port
IOA-n
IOB-n
-3.5
-3.0
-2.5
V
Note: #1: VSS1= -1.2V ( Ag ), #2: VSS2= -2.4V ( Li ), #3: VSS2= -4V (ExtV).
Segment driver output characteristics
Name
Symbol
Condition
For
Min.
Typ.
Max.
Unit
CMOS output mode
VOH1c
IOH=-10 A, #1
-0.5
-0.3
-0.1
V
VOH2c
IOH=-50 A, #2
-1
-0.6
-0.3
V
Output H Voltage
VOH3c
IOH=-200 A, #3
-1.5
-1.0
-0.5
V
VOL1c
IOL=20 A, #1
-1.1
-0.9
-0.7
V
VOL2c
IOL=100 A, #2
-2.1
-1.8
-1.4
V
Output L Voltage
VOL3c
IOL=400 A, #3
SEG-n
-3.5
-3.0
-2.5
V
Static display mode
VOH1d
IOH=-1 A, #1
-0.2
V
VOH2d
IOH=-1 A, #2
-0.2
V
Output H Voltage
VOH3d
IOH=-1 A, #3
-0.2
V
VOL1d
IOL=1 A, #1
-1.0
V
VOL2d
IOL=1 A, #2
-2.2
V
Output L Voltage
VOL3d
IOL=1 A, #3
SEG-n
-3.8
V
VOH1e
IOH=-10 A, #1
-0.2
V
VOH2e
IOH=-10 A, #2
-0.2
V
Output H Voltage
VOH3e
IOH=-10 A, #3
-0.2
V
VOL1e
IOL=10 A, #1
-1.0
V
VOL2e
IOL=10 A, #2
-2.2
V
Output L Voltage
VOL3e
IOL=10 A, #3
COM-n
-3.8
V
Duplex (1/2 bias, 1/2 duty) display mode
VOH12f
IOH=-1 A, #1, #2
-0.2
V
Output H Voltage
VOH3f
IOH=-1 A, #3
-0.2
V
VOL12f
IOL=1 A, #1, #2
-2.2
V
Output L Voltage
VOL3f
IOL=1 A, #3
SEG-n
-3.8
V
Preliminary
5
Ver. 0.0
APU4003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com