| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3444MM Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3444MM Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 30 page ![]() 1 K VLED VBUCK u ¸ ¹ · ¨ © § fSW = 1 tOFF VLED = K u D VBUCK D tON fSW = , and 1 - D tOFF fSW = 1 tOFF + tON fSW = D = tON tON + tOFF = VLED VBUCK '¶ = tOFF tON + tOFF LM3444 www.ti.com SNVS682C – NOVEMBER 2010 – REVISED MAY 2013 Common equations for determining duty cycle and switching frequency in any buck converter: (8) Therefore: (9) With efficiency of the buck converter in mind: (10) Substitute equations and rearrange: (11) Off-time, and switching frequency can now be calculated using the equations above. SETTING THE SWITCHING FREQUENCY Selecting the switching frequency for nominal operating conditions is based on tradeoffs between efficiency (better at low frequency) and solution size/cost (smaller at high frequency). The input voltage to the buck converter (VBUCK) changes with both line variations and over the course of each half-cycle of the input line voltage. The voltage across the LED string will, however, remain constant, and therefore the off-time remains constant. The on-time, and therefore the switching frequency, will vary as the VBUCK voltage changes with line voltage. A good design practice is to choose a desired nominal switching frequency knowing that the switching frequency will decrease as the line voltage drops and increase as the line voltage increases (Figure 17). Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LM3444 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |