Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SRN4018-R82Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza SRN4018-R82Y
Descripción Electrónicos  Semi-shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN4018-R82Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN4018-R82Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN4018-R82Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Semi-shielded construction
■ Miniature size
■ Low profile - 1.8 mm max.
■ Inductance range: 0.82 to 220 µH
■ High rated current - up to 4.0 A
■ RoHS compliant* and halogen free**
Applications
■ DC/DC converters
■ Notebook computers
■ Digital video cameras
■ HDDs
■ Cell phones
■ Televisions, LCD displays
SRN4018 Series - Semi-shielded Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operating Temperature
................................. -25 °C to +120 °C
(Temperature rise included)
Storage Temperature .. -25 °C to +120 °C
Resistance to Solder Heat
...............................+260 °C for 10 sec.
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 KHz/1 V
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
L (
μH)
Tol. %
SRN4018-R82Y
0.82
30
0.019
4.0
4.7
SRN4018-1R0Y
1.0
30
0.023
3.7
4.2
SRN4018-1R2Y
1.2
30
0.025
3.5
4.0
SRN4018-1R5Y
1.5
30
0.032
3.1
3.5
SRN4018-2R2M
2.2
20
0.044
2.9
3.0
SRN4018-2R7M
2.7
20
0.052
2.3
2.4
SRN4018-3R3M
3.3
20
0.066
2.2
2.3
SRN4018-4R7M
4.7
20
0.084
1.9
2.0
SRN4018-6R8M
6.8
20
0.118
1.5
1.6
SRN4018-100M
10
20
0.180
1.3
1.4
SRN4018-150M
15
20
0.264
1.0
1.1
SRN4018-220M
22
20
0.348
0.9
0.95
SRN4018-330M
33
20
0.552
0.7
0.75
SRN4018-470M
47
20
0.780
0.6
0.62
SRN4018-680M
68
20
1.128
0.5
0.50
SRN4018-101M
100
20
1.596
0.42
0.45
SRN4018-151M
150
20
2.400
0.32
0.35
SRN4018-221M
220
20
3.552
0.28
0.30
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating ................. Magnetic epoxy resin
Packaging..... 3000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SRN4018 - 100M
Model
Value Code (see table)
Soldering Profile
150
260
200
20 sec.max.
Preheat 100 sec. max.
10 sec. max.
Natural Cooling
60 sec. min.
4.0 ± 0.2
(.157 ± .008)
4.0 ± 0.2
(.157 ± .008)
MAX.
1.8
(.071)
3.6
(.142)
4.55
(.179)
1.5
(.059)
1.5
(.059)


Número de pieza similar - SRN4018-R82Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN4018BTA BOURNS-SRN4018BTA Datasheet
861Kb / 5P
SRN4018BTA Series - Semi-shielded Power Inductors
REV. 06/23
SRN4018BTA BOURNS-SRN4018BTA Datasheet
767Kb / 5P
SRN4018BTA Series – Semi-shielded Power Inductors
REV. 06/25
SRN4018BTA-100M BOURNS-SRN4018BTA-100M Datasheet
861Kb / 5P
SRN4018BTA Series - Semi-shielded Power Inductors
REV. 06/23
SRN4018BTA-100M BOURNS-SRN4018BTA-100M Datasheet
767Kb / 5P
SRN4018BTA Series – Semi-shielded Power Inductors
REV. 06/25
More results

Descripción similar - SRN4018-R82Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com