| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE08S04 Datasheet(PDF) 25 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08S04 Datasheet(HTML) 25 Page - Tyco Electronics |
|
25 / 30 page ![]() Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 24 Switches Preferred Part Numbers - Push Buttons MP Series Product key Type Mounting Function Part number M MP PA A MPA106D04 SPDT Wire Lug Push On/ Push Off 1825040-1 MPA106DPC04 THT 1825040-3 MPA106F04 Wire Lug Momentary 1825040-2 MPA106FPC04 THT 1825040-4 MPA206N04 DPDT Wire Lug Push On/ Push Off 1825040-5 MPA206NPC04 THT 1825040-6 MPA206R04 Wire Lug Momentary 1825040-7 MPA206RPC04 THT 1825040-8 MPA306D04 3PDT Wire Lug Push On/ Push Off 1825040-9 MPA306F04 Momentary 1-1825040-0 MPA406N04 4PDT Push On/ Push Off 1-1825040-1 MPA406R04 Momentary 1-1825040-2 M MP PE E ((S Sp plla as sh h p prro oo off)) MPE106D04 SPDT Wire Lug Push On/ Push Off 1825041-1 MPE106F04 Momentary 1825041-2 MPE206N04 DPDT Push On/ Push Off 1825041-3 MPE206R04 Momentary 1825041-4 MPE306D04 3PDT Push On/ Push Off 1825041-5 MPE306F04 Momentary 1825041-6 MPE406N04 4PDT Push On/ Push Off 1825041-7 MPE406R04 Momentary 1825041-8 M MP PG G MPG106D04 SPDT Wire Lug Push On/ Push Off 1825042-1 MPG106F04 Momentary 1825042-3 MPG206N04 DPDT Push On/ Push Off 1825042-5 MPG206NPC04 THT 1825042-6 MPG206R04 Wire Lug Momentary 1825042-7 MPG206RPC04 THT 1825042-8 MPG306D04 3PDT Wire Lug Push On/ Push Off 1825042-9 MPG306F04 Momentary 1-1825042-0 MPG406N04 4PDT Push On/ Push Off 1-1825042-1 MPG406R04 Momentary 1-1825042-2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |