| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8347ECVRAGDB Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRAGDB Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 63 Package and Pin Listings IRQ[6]/GPIO2[18]/CKSTOP_OUT A21 I/O OVDD — IRQ[7]/GPIO2[19]/CKSTOP_IN C20 I/O OVDD — Ethernet Management Interface EC_MDC A7 O LVDD1 — EC_MDIO E9 I/O LVDD1 12 Gigabit Reference Clock EC_GTX_CLK125 C8 I LVDD1 — Three-Speed Ethernet Controller (Gigabit Ethernet 1) TSEC1_COL/GPIO2[20] A17 I/O OVDD — TSEC1_CRS/GPIO2[21] F12 I/O LVDD1 — TSEC1_GTX_CLK D10 O LVDD1 3 TSEC1_RX_CLK A11 I LVDD1 — TSEC1_RX_DV B11 I LVDD1 — TSEC1_RX_ER/GPIO2[26] B17 I/O OVDD — TSEC1_RXD[7:4]/GPIO2[22:25] B16, D16, E16, F16 I/O OVDD — TSEC1_RXD[3:0] E10, A8, F10, B8 I LVDD1 — TSEC1_TX_CLK D17 I OVDD — TSEC1_TXD[7:4]/GPIO2[27:30] A15, B15, A14, B14 I/O OVDD — TSEC1_TXD[3:0] A10, E11, B10, A9 O LVDD1 11 TSEC1_TX_EN B9 O LVDD1 — TSEC1_TX_ER/GPIO2[31] A16 I/O OVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 2) TSEC2_COL/GPIO1[21] C14 I/O OVDD — TSEC2_CRS/GPIO1[22] D6 I/O LVDD2 — TSEC2_GTX_CLK A4 O LVDD2 — TSEC2_RX_CLK B4 I LVDD2 — TSEC2_RX_DV/GPIO1[23] E6 I/O LVDD2 — TSEC2_RXD[7:4]/GPIO1[26:29] A13, B13, C13, A12 I/O OVDD — TSEC2_RXD[3:0]/GPIO1[13:16] D7, A6, E8, B7 I/O LVDD2 — TSEC2_RX_ER/GPIO1[25] D14 I/O OVDD — TSEC2_TXD[7]/GPIO1[31] B12 I/O OVDD — TSEC2_TXD[6]/DR_XCVR_TERM_SEL C12 O OVDD — TSEC2_TXD[5]/DR_UTMI_OPMODE1 D12 O OVDD — TSEC2_TXD[4]/DR_UTMI_OPMODE0 E12 O OVDD — Table 55. MPC8347EA (TBGA) Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |