| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8347ECVRADFB Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRADFB Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 79 Clocking 19.1 System PLL Configuration The system PLL is controlled by the RCWL[SPMF] parameter. Table 60 shows the multiplication factor encodings for the system PLL. As described in Section 19, “Clocking,” the LBIUCM, DDRCM, and SPMF parameters in the reset configuration word low and the CFG_CLKIN_DIV configuration input signal select the ratio between the primary clock input (CLKIN or PCI_CLK) and the internal coherent system bus clock (csb_clk). Table 61 3 The DDR data rate is 2× the DDR memory bus frequency. 4 The local bus frequency is ½, ¼, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1× or 2× the csb_clk frequency (depending on RCWL[LBIUCM]). Table 60. System PLL Multiplication Factors RCWL[SPMF] System PLL Multiplication Factor 0000 × 16 0001 Reserved 0010 × 2 0011 × 3 0100 × 4 0101 × 5 0110 × 6 0111 × 7 1000 × 8 1001 × 9 1010 × 10 1011 × 11 1100 × 12 1101 × 13 1110 × 14 1111 × 15 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |