| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP1706ACPZ-1.5-R7 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1706ACPZ-1.5-R7 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() ADP1706/ADP1707/ADP1708 Rev. 0 | Page 7 of 20 TYPICAL PERFORMANCE CHARACTERISTICS VIN = 3.8 V, IOUT = 100 mA, CIN = 4.7 μF, COUT = 4.7 μF, TA = 25°C, unless otherwise noted. –40 10 60 110 TJ (°C) 3.24 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 ILOAD = 100µA ILOAD = 10mA ILOAD = 100mA ILOAD = 500mA ILOAD = 1A ILOAD = 300mA Figure 10. Output Voltage vs. Junction Temperature 0.1 1000 ILOAD (mA) 1 10 100 3.270 3.275 3.280 3.285 3.290 3.295 3.300 3.305 3.310 3.315 Figure 11. Output Voltage vs. Load Current 3.8 4.2 4.6 5.0 5.4 VIN (V) 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 ILOAD = 300mA ILOAD = 100mA ILOAD = 10mA ILOAD = 100µA ILOAD = 1A ILOAD = 500mA Figure 12. Output Voltage vs. Input Voltage –40 10 60 110 TJ (°C) 0 1400 1200 1000 800 600 400 200 ILOAD = 10mA ILOAD = 100µA ILOAD = 100mA ILOAD = 300mA ILOAD = 500mA ILOAD = 1A Figure 13. Ground Current vs. Junction Temperature 0.1 1000 ILOAD (mA) 110 100 0 1400 1200 1000 800 600 400 200 Figure 14. Ground Current vs. Load Current 2100 0 3.6 4.0 4.4 4.8 5.2 VIN (V) 1800 1500 1200 900 600 300 ILOAD = 100µA ILOAD = 10mA ILOAD = 100mA ILOAD = 300mA ILOAD = 500mA ILOAD = 1A Figure 15. Ground Current vs. Input Voltage |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |