| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC33FJ128GP310 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ128GP310 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 322 page ![]() dsPIC33FJXXXGPX06/X08/X10 DS70286C-page 8 © 2009 Microchip Technology Inc. Pin Diagrams (Continued) 80-Pin TQFP 20 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 50 49 48 47 46 45 44 41 dsPIC33FJ64GP708 17 18 19 1 57 56 55 54 53 52 51 60 59 58 43 42 OC1/RD0 IC4/RD11 IC2/RD9 IC1/RD8 IC3/RD10 VSS OSC1/CLKIN/RC12 VDD SCL1/RG2 U1RX/RF2 U1TX/RF3 PGEC2/SOSCO/T1CK/CN0/RC14 PGED2/SOSCI/CN1/RC13 AN17/T3CK/T6CK/RC2 AN18/T4CK/T9CK/RC3 AN19/T5CK/T8CK/RC4 SCK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 MCLR SS2/CN11/RG9 AN4/CN6/RB4 AN3/CN5/RB3 AN2/SS1/CN4/RB2 PGEC3/AN1/CN3/RB1 PGED3/AN0/CN2/RB0 VSS VDD COFS/RG15 AN16/T2CK/T7CK/RC1 TDO/AN21/INT2/RA13 TMS/AN20/INT1/RA12 SDA1/RG3 SDI1/RF7 SDO1/RF8 AN5/CN7/RB5 OSC2/CLKO/RC15 SCK1/INT0/RF6 SDA2/INT4/RA3 SCL2/INT3/RA2 dsPIC33FJ128GP708 = Pins are up to 5V tolerant |