Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS1105 Datasheet(PDF) 9 Page - ams AG

No. de pieza AS1105
Descripción Electrónicos  Serially Interfaced, 4-Digit LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 9 Page - ams AG

Back Button AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG AS1105 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
8 - 15
AS1105
Datasheet - Detailed Descr i p ti on
Note:
In the above table, the decimal point (DP) is set by bit D7 = 1
Table 6. Shutdown Register Format (address (hex) = 0xXC)
Mode
Address Code
(Hex)
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode
0xXC
X
X
X
X
X
X
X
0
Normal Operation
0xXC
X
X
X
X
X
X
X
1
Table 7. Decode-mode Register Examples (address (hex) = 0xX9)
Decode Mode
Register Data
Hex Code
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 4–0
0
0
0
0
0
0
0
0
0x00
Code B decode for digit 0
No decode for digits 4–1
0
0
0
0
0
0
0
1
0x01
Code B decode for digits 3–0
0
0
0
0
1
1
1
1
0x0F
Code B decode for digits 4–0
1
1
1
1
1
1
1
1
0xFF
Table 8. Code B Font
7-Segment
Character
Register Data
On Segments = 1
D7
D6-D4
D3
D2
D1
D0
DP
A
B
C
D
E
F
G
0X
0
0
0
0
1
1
1
1
1
1
0
1X
0
0
0
1
0
1
1
0
0
0
0
2X
0
0
1
0
1
1
0
1
1
0
1
3X
0
0
1
1
1
1
1
1
0
0
1
4X
0
1
0
0
0
1
1
0
0
1
1
5X
0
1
0
1
1
0
1
1
0
1
1
6X
0
1
1
0
1
0
1
1
1
1
1
7X
0
1
1
1
1
1
1
0
0
0
0
8X
1
0
0
0
1
1
1
1
1
1
1
9X
1
0
0
1
1
1
1
1
0
1
1
--
X
1
0
1
0
0
0
0
0
0
0
1
EX
1
0
1
1
1
0
0
1
1
1
1
HX
1
1
0
0
0
1
1
0
1
1
1
LX
1
1
0
1
0
0
0
1
1
1
0
PX
1
1
1
0
1
1
0
0
1
1
1
blank
X
1
1
1
1
0
0
0
0
0
0
0
Table 9. No-decode Mode Data Bits and Corresponding Segment Lines
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Corresponding Segment Line
DP
A
B
C
D
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com