| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PD720201 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD720201 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 43 page ![]() μPD720201/μPD720202 1. OVERVIEW R19DS0047EJ0500 Rev. 5.00 Page 3 of 40 Jan. 17, 2013 1.2 Applications Desktop and Laptop computers, Tablet, Server, PCI Express Card / Express Card, Digital TV, Set-Top-Box, BD Player/Recorder, Media Player, Digital Audio systems, Projector, Multi Function Printer, Storage, Router, NAS, etc 1.3 Ordering Information Note μPD720201K8-711-BAC-A & μPD720202K8-711-BAA-A should use the FW Download function. μPD720201K8-711-BAC-A & μPD720202K8-711-BAA-A do not support the External ROM (Serial Peripheral Interface (SPI) type ROM). μPD720201 & μPD720202 should download the firmware from the External ROM (-701 versions only) or by FW download function after Power on Reset. Regarding the External ROM & FW Download function, refer to “6.How to Access External ROM” & “7. FW Download Interface” in the μPD720201 & μPD720202 User’s manual : R19UH0078E. Part Number Package Operating temperature Remark μPD720201K8-701-BAC-A μPD720202K8-701-BAA-A 68-pin QFN (8 × 8) 48-pin QFN (7 x 7) 0 ~ 85 °C Lead-free product Lead-free product μPD720201K8-711-BAC-A μPD720202K8-711-BAA-A 68-pin QFN (8 × 8) 48-pin QFN (7 x 7) -40 ~ 85 °C Lead-free product Lead-free product <R> |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |