| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
C0805C103C4RAC Datasheet(PDF) 4 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C0805C103C4RAC Datasheet(HTML) 4 Page - Kemet Corporation |
|
4 / 9 page ![]() ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP CAPACITORS This chart refers to ceramic chip thickness codes on pages 73-76. Thickness Code Reference Chart Packaging Quantity Based on Finished Chip Thickness Specifications Thickness Code Chip Size Chip Thickness Range (mm) Qty per Reel 7" Plastic Qty per Reel 13" Plastic Qty per Reel 7" Paper Qty per Reel 13" Paper Qty per Bulk Cassette AA 0201 .30 ± .03 N/A N/A 15,000 N/A N/A BB 0402 .50 ± .05 N/A N/A 10,000 50,000 50,000 CB 0603 .80 ± .07 N/A N/A 4,000 10,000 15,000 CC 0603 .80 ± .10 N/A N/A 4,000 10,000 N/A CD 0603 .80 ± .15 N/A N/A 4,000 10,000 N/A DB 0805 .60 ± .10 N/A N/A N/A N/A 10,000 DC 0805 .78 ± .10 4,000 10,000 4,000 10,000 N/A DD 0805 .90 ± .10 4,000 10,000 N/A N/A N/A DE 0805 1.00 ± .10 2,500 10,000 N/A N/A N/A DF 0805 1.10 ± .10 2,500 10,000 N/A N/A N/A DG 0805 1.25 ± .15 2,500 10,000 N/A N/A N/A DH 0805 1.25 ± .20 2,500 10,000 N/A N/A N/A DJ 0805 1.25 ± .20 3,000 10,000 N/A N/A N/A DK 0805 1.25 ± .15 3,000 10,000 N/A N/A N/A EB 1206 .78 ± .10 4,000 10,000 4,000 10,000 N/A EC 1206 .90 ± .10 4,000 10,000 N/A N/A N/A ED 1206 1.00 ± .10 2,500 10,000 N/A N/A N/A EE 1206 1.10 ± .10 2,500 10,000 N/A N/A N/A EF 1206 1.20 ± .15 2,500 10,000 N/A N/A N/A EG 1206 1.60 ± .15 2,000 8,000 N/A N/A N/A EH 1206 1.60 ± .20 2,000 8,000 N/A N/A N/A EJ 1206 1.70 ± .20 2,000 8,000 N/A N/A N/A EK 1206 .80 ± .10 2,000 8,000 N/A N/A N/A EL 1206 1.15 ± .15 2,000 8,000 N/A N/A N/A EM 1206 1.25 ± .15 2,500 10,000 N/A N/A N/A EN 1206 0.95 ± .10 4,000 10,000 N/A N/A N/A FB 1210 .78 ± .10 4,000 10,000 N/A N/A N/A FC 1210 .90 ± .10 4,000 10,000 N/A N/A N/A FD 1210 .95 ± .10 4,000 10,000 N/A N/A N/A FE 1210 1.00 ± .10 2,500 10,000 N/A N/A N/A FF 1210 1.10 ± .10 2,500 10,000 N/A N/A N/A FG 1210 1.25 ± .15 2,500 10,000 N/A N/A N/A FH 1210 1.55 ± .15 2,000 8,000 N/A N/A N/A FJ 1210 1.85 ± .20 2,000 8,000 N/A N/A N/A FK 1210 2.10 ± .20 2,000 8,000 N/A N/A N/A FL 1210 1.40 ± .15 2,000 8,000 N/A N/A N/A FM 1210 1.70 ± .20 2,000 8,000 N/A N/A N/A FN 1210 1.85 ± .20 2,000 8,000 N/A N/A N/A FO 1210 1.50 ± .20 2,000 8,000 N/A N/A N/A FP 1210 1.60 ± .20 2,000 8,000 N/A N/A N/A FQ 1210 2.5 ± .20 1,500 8,000 N/A N/A N/A FR 1210 2.25 ± .20 2,000 8,000 N/A N/A N/A FS 1210 2.50 ± .20 1,000 4,000 N/A N/A N/A GB 1812 1.00 ± .10 1,000 4,000 N/A N/A N/A GC 1812 1.10 ± .10 1,000 4,000 N/A N/A N/A GD 1812 1.25 ± .15 1,000 4,000 N/A N/A N/A GE 1812 1.30 ± .10 1,000 4,000 N/A N/A N/A GF 1812 1.50 ± .10 1,000 4,000 N/A N/A N/A GG 1812 1.55 ± .10 1,000 4,000 N/A N/A N/A GH 1812 1.40 ± .15 1,000 4,000 N/A N/A N/A GJ 1812 1.70 ± .15 1,000 4,000 N/A N/A N/A GK 1812 1.60 ± .20 1,000 4,000 N/A N/A N/A GL 1812 1.90 ± .20 1,000 4,000 N/A N/A N/A GM 1812 2.00 ± .20 1,000 4,000 N/A N/A N/A GN 1812 1.70 ± .20 1,000 4,000 N/A N/A N/A HB 1825 1.10 ± .15 1,000 4,000 N/A N/A N/A HC 1825 1.15 ± .15 1,000 4,000 N/A N/A N/A HD 1825 1.30 ± .15 1,000 4,000 N/A N/A N/A HE 1825 1.40 ± .15 1,000 4,000 N/A N/A N/A HF 1825 1.50 ± .15 1,000 4,000 N/A N/A N/A JB 2220 1.00 ± .15 1,000 4,000 N/A N/A N/A JC 2220 1.10 ± .15 1,000 4,000 N/A N/A N/A JD 2220 1.30 ± .15 1,000 4,000 N/A N/A N/A JE 2220 1.40 ± .15 1,000 4,000 N/A N/A N/A JF 2220 1.50 ± .15 1,000 4,000 N/A N/A N/A KB 2225 1.00 ± .15 1,000 4,000 N/A N/A N/A KC 2225 1.10 ± .15 1,000 4,000 N/A N/A N/A KD 2225 1.30 ± .15 1,000 4,000 N/A N/A N/A KE 2225 1.40 ± .15 1,000 4,000 N/A N/A N/A 78 |