Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TM3078 Datasheet(PDF) 1 Page - API Technologies Corp

No. de pieza TM3078
Descripción Electrónicos  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3078 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3078 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/08/06
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -69ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 20 Milliwatts (1 Minute Max.)
Maximum Peak Power.....................0.2 Watt (3
µsec Max.)
Features
!
!
!
!
! Low +5 Volt Supply
!
!
!
!
! Wide 200-3000 MHz Bandwidth
!
!
!
!
! Environmental Screening Available
RF AMPLIFIER
MODEL
TM3078
Available as:
TM3078, 4 Pin TO-8 (T4)
TN3078, 4 Pin Surface Mount (SM3)
BX3078, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +47 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +42 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +24 dBm (Typ.)
Frequency (MHz)
200-3000 MHz
200-3000 MHz
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Gain (dB)
10.0
9.0 Min.
Out
1.5:1
2.0:1 Max.
VSWR
In
1.7:1
2.5:1 Max
Noise Figure (dB)
4.0
5.0 Max.
Power
Vdc
+5
+5
mA
30
40 Max.
Power @ 1 dB (<2000 MHz)
12.0
11.0 Min
Comp. (dBm) (>2000 MHz)
10.5
10.0 Min.
Reverse
Isolation (dB)
-17
-15 Min.
======================================================================================
100
300
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
2900
3100
.33
.31
.30
.29
.29
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
.28
-54
-57
-58
-60
-62
-64
-66
-68
-70
-72
-75
-77
-80
-83
-84
-87
3.36
3.37
3.39
3.39
3.37
3.39
3.40
3.39
3.40
3.39
3.39
3.39
3.41
3.39
3.38
3.38
-171
-176
-180
177
174
171
168
165
163
161
159
156
154
152
150
148
.1248
.1252
.1243
.1231
.1223
.1244
.1234
.1235
.1219
.1216
.1225
.1222
.1233
.1207
.1243
.1237
2
1
-2
-3
-4
-4
-7
-7
-10
-12
-12
-12
-14
-15
-16
-17
.17
15
.14
.13
.12
.12
.11
.11
.10
.10
.10
.09
.09
.09
.09
.08
118
121
126
124
128
128
132
132
132
133
135
136
134
135
138
139
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
3.0
2.0
1.0
2.0
1.5
1.0
1
5
4
3
2
12
10
8
+14
+13
+12
+11
+10
-16
-17
-18
-19
-20
11
9
Start 200 MHz
Stop 3000 MHz
Start 200 MHz
Stop 3000 MHz
Start 200 MHz
Stop 3000 MHz
Start 200 MHz
Stop 3000 MHz
Start 200 MHz
Stop 3000 MHz
Start 200 MHz
Stop 3000 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Número de pieza similar - TM3078

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Spectrum Microwave, Inc...
TM3078 SPECTRUM-TM3078 Datasheet
49Kb / 1P
RF AMPLIFIER
More results

Descripción similar - TM3078

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com