Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BZX85C62 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza BZX85C62
Descripción Electrónicos  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C62 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX85C62 Datasheet HTML 1Page - Vishay Siliconix BZX85C62 Datasheet HTML 2Page - Vishay Siliconix BZX85C62 Datasheet HTML 3Page - Vishay Siliconix BZX85C62 Datasheet HTML 4Page - Vishay Siliconix BZX85C62 Datasheet HTML 5Page - Vishay Siliconix BZX85C62 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZX85-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 22-Nov-11
4
Document Number: 85607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Pulse Thermal Resistance vs. Pulse Duration
Fig. 2 - Dynamic Resistance vs. Zener Current
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Thermal Resistance vs. Lead Length
Fig. 5 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 6 - Dynamic Resistance vs. Zener Current
10-5
10-4
10-3 10-2
10-1
110 s
103
102
10
1
°C/W
2
5
4
3
2
5
4
3
2
5
4
3
r
thA
t
P
18458
t
P
v =
T
P
I
___
T
t
P
0.5
0.2
0.1
0.05
0.02
0.01
0.1
2
110 mA
103
102
10
Ω
2
5
4
3
r
zj
I
Z
18459
5
4
32
5
4
3
56
43
7
2
5
4
3
7
1
2
10
100 mA
100
10
1
Ω
2
5
4
3
r
zj
I
Z
18460
5
4
32
5
4
3
7
2
5
4
3
7
43
36
30
24
22
18
010
20
30 mm
200
100
0
°C/W
R
thA
lead length
18461
max.
typ.
0100
200 °C
2
1
0
W
P
tot
T
amb
18462
1
2
10
100 mA
103
102
1
Ω
r
zj
I
Z
18463
5
4
32
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
10
7
7
5V1
4V3
18
12
10
7V5
6V2



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com