Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASTMB545 Datasheet(PDF) 30 Page - ITT Industries

No. de pieza ASTMB545
Descripción Electrónicos  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 30 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 26Page - ITT Industries ASTMB545 Datasheet HTML 27Page - ITT Industries ASTMB545 Datasheet HTML 28Page - ITT Industries ASTMB545 Datasheet HTML 29Page - ITT Industries ASTMB545 Datasheet HTML 30Page - ITT Industries ASTMB545 Datasheet HTML 31Page - ITT Industries ASTMB545 Datasheet HTML 32Page - ITT Industries ASTMB545 Datasheet HTML 33Page - ITT Industries ASTMB545 Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
MIL-DTL-24308G
APPENDIX A
w/AMENDMENT 2
30
A.4.1.1 Dimensions. Dimensions shall be
as specified in the applicable section of this appendix and the
following:
a. Dimensions are in inches.
b. Metric equivalents are given for information only.
c. All dimensions are TP (true position).
d. Contact holes in insert shall be located on TP within a .005 (0.13 mm) diameter circle. Maximum material
condition applies.
e. Markings are shown for the pin insert front. Socket inserts are opposite.
f.
In the event of a conflict between the text of this appendix and the references cited herein, the text of this
appendix shall take precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41