Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PDLF2000L Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza PDLF2000L
Descripción Electrónicos  SMT Data Line EMI Filters ??PDLF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PDLF2000L Datasheet(HTML) 1 Page - Coilcraft lnc.

  PDLF2000L Datasheet HTML 1Page - Coilcraft lnc. PDLF2000L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Data Line EMI Filters – PDLF
Document 491-1
Document 491-1 Revised 10/30/08
Current
Inductance
Part
max2
min3
DCR max
number1
Lines
(mA)
(µH)
(mOhms)
PDLF4000L_
4
100
5
250
PDLF4500L_
4
500
5
200
PDLF3000L_
3
100
5
250
PDLF3500L_
3
500
5
200
PDLF2000L_
2
100
5
250
PDLF2500L_
2
500
5
200
1. When ordering, please specify
packaging code:
PDLF4500LC
C = 7
″ machine ready reel. EIA-481 embossed plastic tape (500 parts
per full reel).
D = 13
″ machine ready reel. EIA-481 embossed plastic tape
(2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader
and trailer added ($25 charge), use code letter D instead.
2. Current rating is for each line.
3. Inductance is per winding, tested at 1 MHz.
4. Operating temperature range -40°C to +85°C.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
30
20
10
0
-10
0.1
110
100
1000
Frequency (MHz)
Common Mode
Differential Mode
*Measured on HP 8753D network analyzer. Ref: 50 Ohms.
Typical Response*
Designer’s Kit D303 contains four each of all values plus DLF and
CCDLF filters
Core material Ferrite
Terminations RoHS compliant tin-silver-copper over tin over nickel
over phos bronze. Other terminations available at additional cost.
Weight 183 – 201 mg
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Packaging 500/7
″reel; 2000/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 8 mm pocket spacing, 4.4 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Available in 4, 3 and 2-line versions
• See our CCDLF series for 10 and 8-line EMI filters
• Exceptional common mode noise attenuation from 15 MHz to
300 MHz; passes signal line data below 300 MHz with minimal
attenuation
• DC current capacity of 500 or 100 mA.
• Excellent electrical isolation (300 Vrms)


Número de pieza similar - PDLF2000L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
PDLF2000L COILCRAFT-PDLF2000L Datasheet
220Kb / 2P
SMT Data Line EMI Filters
PDLF2000L COILCRAFT-PDLF2000L Datasheet
126Kb / 2P
SMT Data Line EMI Filters ??PDLF
PDLF2000L COILCRAFT-PDLF2000L Datasheet
134Kb / 2P
SMT Data Line EMI Filters ??PDLF
PDLF2000LB COILCRAFT-PDLF2000LB Datasheet
133Kb / 2P
SMT Data Line EMI Filters – PDLF
04/01/14
PDLF2000LC COILCRAFT-PDLF2000LC Datasheet
133Kb / 2P
SMT Data Line EMI Filters – PDLF
04/01/14
More results

Descripción similar - PDLF2000L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
SMT Data Line EMI Filters
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
SMT Data Line EMI Filters
TTTRF2000LC COILCRAFT-TTTRF2000LC Datasheet
394Kb / 2P
SMT Data Line EMI Filters ??TTDLF
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
SMT Data Line EMI Filters ??PDLF
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
Data Line EMI Filters
logo
Coilcraft lnc.
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
SMT Data Line EMI Filters
PDLF COILCRAFT-PDLF_14 Datasheet
134Kb / 2P
SMT Data Line EMI Filters ??PDLF
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
SMT Data Line EMI Filters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com